Electronic Components Datasheet Search
  English  ▼

X  

AD5934 Datasheet(PDF) 4 Page - Analog Devices

Part # AD5934
Description  High Accuracy Impedance Measurements Using 12-Bit Impedance Converters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5934 Datasheet(HTML) 4 Page - Analog Devices

  AD5934 Datasheet HTML 1Page - Analog Devices AD5934 Datasheet HTML 2Page - Analog Devices AD5934 Datasheet HTML 3Page - Analog Devices AD5934 Datasheet HTML 4Page - Analog Devices AD5934 Datasheet HTML 5Page - Analog Devices AD5934 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CN-0217
Circuit Note
Rev. A | Page 4 of 6
Example 2: kΩ Impedance Range
Using an RCAL of 99.85 kΩ, a wide range of unknown impedances
were measured according to the setup conditions listed in Table 4.
Figure 6 to Figure 10 document accuracy results. To improve
the overall accuracy, select an RCAL value closer to the unknown
impedance. For example, in Figure 9, an RCAL closer to the ZC
value of 217.5 kΩ is required. If the unknown impedance range
is large, use more than one RCAL resistor.
Table 4. kΩ Impedance Range Setup for VDD = 3.3 V Supply
Voltage
Parameter
Value
Voltage Peak-to-Peak (V p-p)
0.198 V (Range 4)
Number of Settling Time Cycles
15
MCLK
16 MHz
RCAL
99.85 kΩ
RFB
100 kΩ
Excitation Frequency Range
30 kHz to 50 kHz
Unknown Impedances
R0 = 99.85 kΩ, R1 = 29.88 kΩ,
R2 = 14.95 kΩ, R3 = 8.21 kΩ,
R4 = 217.25 kΩ, C5 = 150 pF,
(ZC = 26.5 kΩ at 40 kHz),
C6 = 47 pF (ZC = 84.6 kΩ at
40 kHz)
60
70
80
90
100
110
120
30
35
40
FREQUENCY (kHz)
45
50
MEASURED
IDEAL
Figure 6. Magnitude Result for ZC = 47 pF, RCAL = 99.85 kΩ
–90.3
–90.2
–90.1
–90.0
–89.9
–89.8
–89.7
–89.6
–89.5
–89.4
–89.3
30
35
40
FREQUENCY (kHz)
45
50
Figure 7. Phase Result for ZC = 47 pF, RCAL = 99.85 kΩ
30
35
40
FREQUENCY (kHz)
45
50
8160
8180
8200
8220
8240
8260
8280
R3
IDEAL
Figure 8. ZC = 8.21 kΩ, RCAL = 99.85 kΩ
30
35
40
FREQUENCY (kHz)
45
50
R4
213.5
214.0
214.5
21.50
215.5
216.0
216.5
217.0
217.5
218.0
218.5
IDEAL
Figure 9. ZC = 217.25 kΩ, RCAL = 99.85 kΩ



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com