Electronic Components Datasheet Search
  English  ▼

X  

AD5934 Datasheet(PDF) 3 Page - Analog Devices

Part # AD5934
Description  High Accuracy Impedance Measurements Using 12-Bit Impedance Converters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5934 Datasheet(HTML) 3 Page - Analog Devices

  AD5934 Datasheet HTML 1Page - Analog Devices AD5934 Datasheet HTML 2Page - Analog Devices AD5934 Datasheet HTML 3Page - Analog Devices AD5934 Datasheet HTML 4Page - Analog Devices AD5934 Datasheet HTML 5Page - Analog Devices AD5934 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Circuit Note
CN-0217
Rev. A | Page 3 of 6
CIRCUIT EVALUATION AND TEST
The schematic in Figure 1 was developed to improve impedance
measurement accuracy, and some example measurements were
taken. The AD8606 dual-channel amplifier buffers the signal on
the transmit path and converts the receive signal from current to
voltage. For the three examples shown, the gain factor is calculated
for each frequency increment to remove frequency dependent
errors. A complete design package including schematics, bill of
materials, layout, and Gerber files is available for this solution at
www.analog.com/CN0217-DesignSupport. The software used is
the same software that is available with evaluation boards and is
accessible from the AD5933 and AD5934 product pages.
Example 1: Low Impedance Range
Table 3. Low Impedance Range Setup for VDD = 3.3 V Supply
Voltage
Parameter
Value
Voltage Peak-to-Peak (V p-p)
1.98 V (Range 1)
Number of Settling Time Cycles
15
MCLK
16 MHz
RCAL
20.1 Ω
RFB
20.0 Ω
Excitation Frequency Range
30 kHz to 30.2 kHz
Unknown Impedances
R1 = 10.3 Ω, R2 = 30.0 Ω,
C3 = 1 µF (ZC = 5.3 Ω at
30 kHz)
The results of the low impedance measurements are shown in
Figure 3, Figure 4, and Figure 5. Figure 5 is for the 10.3 Ω
measurement and is shown on an expanded vertical scale.
The accuracy achieved is very much dependent on how large the
unknown impedance range is relative to the calibration resistor,
RCAL. Therefore, in this example, the unknown impedance of
10.3 Ω measured 10.13 Ω, an approximate 2% error. Choosing
an RCAL closer to the unknown impedance achieves a more accurate
measurement; that is, the smaller the unknown impedance range is
centered on RCAL is the more accurate the measurement.
Consequently, for large unknown impedance ranges, it is possible
to switch in various RCAL resistors to break up the unknown
impedance range using external switches. The RON error of the
switch is removed by calibration during the RCAL gain factor
calculation. Using a switch to select various RFB values can
optimize the dynamic range of the signal seen by the ADC.
In addition, note that to achieve a wider range of measurements
a 200 mV p-p range was used. If the unknown Z is a small range, a
larger output voltage range can be used to optimize the ADC
dynamic range.
35
30
25
20
15
10
5
0
29.95
30.00
30.05
30.10
30.15
30.20
10.3Ω
30Ω
1µF
30.25
FREQUENCY (kHz)
Figure 3. Measured Low Impedance Magnitude Results
20
0
–20
–40
–60
–80
–100
29.95
30.00
30.05
30.10
30.15
30.20
1µF
30.25
FREQUENCY (kHz)
10.3Ω, 30Ω
Figure 4. Measured Low Impedance Phase Results
10.22
10.20
10.18
10.16
10.14
10.12
10.10
10.08
10.06
10.04
29.50
30.00
30.05
30.10
30.15
30.20
30.25
FREQUENCY (kHz)
Figure 5. Measured 10.3 Ω Magnitude Results (Expanded Scale)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com