Electronic Components Datasheet Search
  English  ▼

X  

ADF4350 Datasheet(PDF) 1 Page - Analog Devices

Part # ADF4350
Description  Minimizing Spurious Outputs Using a Synthesizer with an Integrated VCO and an External PLL Circuit
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4350 Datasheet(HTML) 1 Page - Analog Devices

  ADF4350 Datasheet HTML 1Page - Analog Devices ADF4350 Datasheet HTML 2Page - Analog Devices ADF4350 Datasheet HTML 3Page - Analog Devices ADF4350 Datasheet HTML 4Page - Analog Devices ADF4350 Datasheet HTML 5Page - Analog Devices ADF4350 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Circuit Note
CN-0232
Circuits from the Lab™ reference circuits are engineered and
tested for quick and easysystemintegrationto helpsolve today’s
analog, mixed-signal, and RF design challenges. For more
informationand/orsupport,visitwww.analog.com/CN0232.
Devices Connected/Referenced
ADF4350
Fractional-N PLL Synthesizer with
Integrated VCO
ADF4153
Fractional-N PLL Frequency Synthesizer
Minimizing Spurious Outputs Using a Synthesizer with an Integrated VCO and
an External PLL Circuit
Rev. 0
Circuitsfromthe Lab™circuitsfromAnalog Deviceshave been designedandbuiltbyAnalogDevices
engineers. Standard engineering practices have been employed in the design and construction of
eachcircuit,andtheirfunctionandperformancehavebeentestedandverifiedinalabenvironmentat
room temperature. However, you are solely responsible for testing the circuit and determining its
suitabilityandapplicabilityforyouruseandapplication.Accordingly,innoeventshallAnalogDevices
be liable for direct, indirect, special, incidental, consequential or punitive damages due to any cause
whatsoeverconnectedtotheuseofanyCircuitsfromtheLabcircuits. (Continuedonlastpage)
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2012 Analog Devices, Inc. All rights reserved.
EVALUATION AND DESIGN SUPPORT
Circuit Evaluation Boards
ADF4350 Evaluation Board (EVAL-ADF4350EB2Z)
ADF4153 Evaluation Board (EVAL-ADF4153EBZ1)
Design and Integration Files
Schematics, Layout Files, Bill of Materials
CIRCUIT FUNCTION AND BENEFITS
The circuit shown in Figure 1 uses the ADF4350 synthesizer with
an integrated VCO and an external PLL to minimize spurious
outputs by isolating the PLL synthesizer circuitry from the VCO
circuit.
22nF
4.7nF
100nF
360Ω
200Ω
ADF4153
CPGND
DGND
CP
1nF
1nF
4.7kΩ
RSET
LE
DATA
CLK
REFIN
DVDD
MUXOUT
VDD
SDVDD
VP
100pF
100pF
AVDD
AGND
ADF4350
VVCO
VVCO
VVCO
VVCO
VTUNE
CPOUT
RFOUTB+
RFOUTB–
RFOUTA–
RFOUTA+
VDD
CPGND
AGND
DGND
4.7kΩ
RSET
LE
DATA
CLK
REFIN
MUXOUT
LOCK
DETECT
51Ω
AGNDVCO
LD
SDGND
TEMP
VREF
VCOM
SW
10pF
0.1µF
1nF
1nF
1nF
1nF
TCXO
26MHz
51Ω
51Ω
51Ω
51Ω
51Ω
51Ω
51Ω
RFOUTA+
VCO
COUNTERS
PHASE
FREQUENCY
DETECTOR
CHARGE
PUMP
COUNTERS
PHASE
FREQUENCY
DETECTOR
CHARGE
PUMP
RFOUTB+
VCO
TUNING
VOLTAGE
REFERENCE
LOOP FILTER
RF IN
3.3V
3.3V
3.3V
51Ω
10pF
0.1µF 10pF
0.1µF
1nF
1nF
8
11
12
13
1
2
3
1
29
RFINA
RFINB
15
3
4
9
6
5
14
7
2
16
10
10
28
16
8
31
9
11
18
21
27
14
15
19
23
24
25
30
17
20
7
26
6
32
5
4
12
13
22
Figure 1. ADF4153 PLL Connected to ADF4350 (Simplified Schematic: All Connections and Decoupling Not Shown)


Similar Part No. - ADF4350

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4350 AD-ADF4350 Datasheet
803Kb / 28P
Wideband Synthesizer with Integrated VCO
REV. 0
ADF4350 AD-ADF4350 Datasheet
238Kb / 4P
Broadband Low Error Vector Magnitude Direct Conversion Transmitter Using LO Divide-by-2 Modulator
REV. C
ADF4350 AD-ADF4350 Datasheet
258Kb / 4P
Powering a Fractional-N Voltage Controlled Oscillator with Low Noise LDO Regulators for Reduced Phase Noise
REV. C
ADF4350 AD-ADF4350 Datasheet
429Kb / 5P
Wideband LO PLL Synthesizer with Simple Interface to Quadrature Demodulators
REV. 0
ADF4350 AD-ADF4350 Datasheet
404Kb / 5P
Broadband Low Error Vector Magnitude (EVM) Direct Conversion Transmitter
REV. B
More results

Similar Description - ADF4350

ManufacturerPart #DatasheetDescription
logo
CRYSTEK CORPORATION
CPLL66-1600-2200 CRYSTEKMICROWAVE-CPLL66-1600-2200 Datasheet
115Kb / 7P
PLL/Synthesizer needing only an external frequency reference and supply voltages for the internal PLL (phase lock loop) and VCO
CPLL66-2175-2175 CRYSTEKMICROWAVE-CPLL66-2175-2175 Datasheet
258Kb / 6P
PLL/Synthesizer needing only an external frequency reference and supply voltages for the internal PLL (phase lock loop) and VCO
CPLL66-2400-2500 CRYSTEKMICROWAVE-CPLL66-2400-2500 Datasheet
258Kb / 6P
PLL/Synthesizer needing only an external frequency reference and supply voltages for the internal PLL (phase lock loop) and VCO
CPLL66-2450-2450 CRYSTEKMICROWAVE-CPLL66-2450-2450 Datasheet
258Kb / 6P
PLL/Synthesizer needing only an external frequency reference and supply voltages for the internal PLL (phase lock loop) and VCO
CPLL66-3160-3380 CRYSTEKMICROWAVE-CPLL66-3160-3380 Datasheet
257Kb / 6P
PLL/Synthesizer needing only an external frequency reference and supply voltages for the internal PLL (phase lock loop) and VCO
CPLL66-3475-3475 CRYSTEKMICROWAVE-CPLL66-3475-3475 Datasheet
262Kb / 6P
PLL/Synthesizer needing only an external frequency reference and supply voltages for the internal PLL (phase lock loop) and VCO
CPLL66-4160-4380 CRYSTEKMICROWAVE-CPLL66-4160-4380 Datasheet
258Kb / 6P
PLL/Synthesizer needing only an external frequency reference and supply voltages for the internal PLL (phase lock loop) and VCO
CPLL66-4240-4240 CRYSTEKMICROWAVE-CPLL66-4240-4240 Datasheet
258Kb / 6P
PLL/Synthesizer needing only an external frequency reference and supply voltages for the internal PLL (phase lock loop) and VCO
logo
Semtech Corporation
ACS1790T SEMTECH-ACS1790T Datasheet
1Mb / 48P
PLL Frequency Synthesizer with Integrated VCO
logo
Linear Technology
LTC6948 LINER-LTC6948 Datasheet
818Kb / 10P
Ultralow Noise and Spurious Fractional-N Synthesizer with Integrated VCO
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com