Electronic Components Datasheet Search
  English  ▼

X  

ADF4350 Datasheet(PDF) 2 Page - Analog Devices

Part # ADF4350
Description  Minimizing Spurious Outputs Using a Synthesizer with an Integrated VCO and an External PLL Circuit
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4350 Datasheet(HTML) 2 Page - Analog Devices

  ADF4350 Datasheet HTML 1Page - Analog Devices ADF4350 Datasheet HTML 2Page - Analog Devices ADF4350 Datasheet HTML 3Page - Analog Devices ADF4350 Datasheet HTML 4Page - Analog Devices ADF4350 Datasheet HTML 5Page - Analog Devices ADF4350 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CN-0232
Circuit Note
Rev. 0 | Page 2 of 6
Devices with integrated PLLs and VCOs may have feed through
from the digital PLL circuitry to the VCO, leading to higher
spurious levels due to the close proximity of the PLL circuitry
to the VCO.
The circuit shown in Figure 1 uses the ADF4350, a fully integrated
fractional-N PLL and VCO that can generate frequencies from
137.5 MHz to 4400 MHz, together with the ADF4153 PLL.
In addition to improvements in spurious performance,
another possible advantage of using an external PLL is the
possibility of increased frequency resolution. For example,
if the ADF4157 PLL is selected in place of the ADF4153, the
frequency resolution of the PLL can be as fine as 0.7 Hz.
CIRCUIT DESCRIPTION
The ADF4350 is a wideband PLL and VCO consisting of
three separate multiband VCOs. Each VCO covers a range of
approximately 700 MHz (with some overlap between the
frequencies of the VCO). This permits a fundamental VCO
frequency range of between 2.2 GHz to 4.4 GHz. Frequencies
lower than 2.2 GHz can be generated using internal dividers
within the ADF4350.
For most applications, the internal PLL of the ADF4350 is used to
lock the VCO. In addition to locking the PLL, the PLL circuitry
performs an additional vital function of VCO band select, using
the internal reference (R) and feedback (N) counters of the internal
PLL to compare the VCO output with the reference input.
For frequency generation, the internal PLL must be enabled and
the desired frequency must be programmed. Then, once sufficient
time has elapsed for band select, the internal PLL can be disabled,
and, finally, the external PLL can be enabled. The external PLL
compares the reference frequency and the VCO output frequency
to generate a stable dc voltage to lock the PLL.
Figure 2 shows the output frequency spurs measured at RFOUTA+
using the ADF4350 internal PLL and VCO with the ADF4153 PLL
disabled. Note the presence of PFD spurs at 13 MHz and 26 MHz.
Figure 3 shows the output spurs measured at RFOUTA+ with the
ADF4350 internal PLL circuit disabled and the external ADF4153
PLL active. In this mode, the charge pump output of the ADF4153
drives the loop filter, which in turn drives the VTUNE input of the
ADF4350. The VTUNE input controls the ADF4350 VCO output
frequency.
In making a comparison between Figure 2 and Figure 3, the spurs
due to the phase frequency detector (PFD) frequency, at 13 MHz
and 26 MHz, in Figure 2 have disappeared into the noise floor
in Figure 3.
COMMON VARIATIONS
Different PLLs can be selected. The fractional-N PLL in both the
ADF4350 and ADF4153 has a minimum frequency resolution
of PFD/4095. If finer resolution is required, the ADF4157
can be selected. The resolution of this PLL is PFD/225, thereby
providing an ultrafine resolution of <1 Hz.
For applications requiring simpler software programmability,
the ADF4150 PLL is software compatible with the ADF4350,
easing the software programming sequence.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com