Electronic Components Datasheet Search
  English  ▼

X  

ADF4153 Datasheet(PDF) 3 Page - Analog Devices

Part # ADF4153
Description  Minimizing Spurious Outputs Using a Synthesizer with an Integrated VCO and an External PLL Circuit
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4153 Datasheet(HTML) 3 Page - Analog Devices

  ADF4153 Datasheet HTML 1Page - Analog Devices ADF4153 Datasheet HTML 2Page - Analog Devices ADF4153 Datasheet HTML 3Page - Analog Devices ADF4153 Datasheet HTML 4Page - Analog Devices ADF4153 Datasheet HTML 5Page - Analog Devices ADF4153 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Circuit Note
CN-0232
Rev. 0 | Page 3 of 6
R&S FSUP SIGNAL SOURCE ANALYZER
SETTINGS
RESIDUAL NOISE
(T1 WITHOUT SPURS)
SPUR LIST
SIGNAL FREQUENCY: 1.6000GHz
INT PHN (1.0k .. 30.0M): –49.1dBc
SIGNAL LEVEL: 5.44dBm
RESIDUAL PM: 0.285°
CROSS CORR MODE: HARMONIC 1
RESIDUAL FM: 3.24kHz
INTERNAL REF TUNED: INTERNAL PHASE DET
RMS JITTER: 0.4946ps
1.000MHz –83.82dBc
2.001MHz –99.68dBc
3.000MHz –89.92dBc
13.000MHz –94.70dBc
PHASE NOISE (dBc/Hz)
MARKER 1 (T1)
MARKER 2 (T1)
MARKER 3 (T1)
MARKER 4 (T1)
RF ATTEN: 5dB
1kHz
10.98633kHz
13.00011MHz
26.00002MHz
TOP –70dBc/Hz
–91.84dBc/Hz
–93.42dBc/Hz
–94.7dBc
–87.89dBc
10k
100k
1M
10M
1k
30M
–160
–170
–150
–140
–130
–120
–110
–100
–90
–80
–70
FREQUENCY OFFSET (Hz)
4
1
2
3
SPR OFF
TH 0dB
LOOP BW 300Hz
Figure 2. ADF4350 PFD Spurs at 1.6 GHz
R&S FSUP SIGNAL SOURCE ANALYZER
SETTINGS
RESIDUAL NOISE
(T1 WITHOUT SPURS)
SPUR LIST
SIGNAL FREQUENCY: 1.6000GHz
INT PHN (1.0k .. 30.0M): –53.3dBc
SIGNAL LEVEL: 1.71dBm
RESIDUAL PM: 0.174°
CROSS CORR MODE: HARMONIC 1
RESIDUAL FM: 1.846kHz
INTERNAL REF TUNED: INTERNAL PHASE DET
RMS JITTER: 0.3025ps
1000.0kHz –90.44dBc
2.000MHz –85.60dBc
3.000MHz –96.36dBc
4.000MHz –99.28dBc
PHASE NOISE (dBc/Hz)
MARKER 1 (T1)
MARKER 2 (T1)
MARKER 3 (T1)
MARKER 4 (T1)
RF ATTEN: 5dB
1kHz
1kHz
100kHz
1MHz
TOP –70dBc/Hz
–101.23dBc/Hz
–101.23dBc/Hz
–120.62dBc
–144.68dBc
10k
100k
1M
10M
1k
30M
–160
–170
–150
–140
–130
–120
–110
–100
–90
–80
–70
FREQUENCY OFFSET (Hz)
1
2
3
SPR OFF
TH 0dB
LOOP BW 300Hz
4
Figure 3. ADF4350 PFD Spurs at 1.6 GHz Using ADF4153 PLL



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com