Electronic Components Datasheet Search
  English  ▼

X  

ADL5380 Datasheet(PDF) 4 Page - Analog Devices

Part # ADL5380
Description  Wideband LO PLL Synthesizer with Simple Interface to Quadrature Demodulators
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5380 Datasheet(HTML) 4 Page - Analog Devices

  ADL5380 Datasheet HTML 1Page - Analog Devices ADL5380 Datasheet HTML 2Page - Analog Devices ADL5380 Datasheet HTML 3Page - Analog Devices ADL5380 Datasheet HTML 4Page - Analog Devices ADL5380 Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
CN-0245
Circuit Note
Rev. 0 | Page 4 of 5
Table 1. ADF4350 RF Output Filter Component Value (DNI = Do Not Insert)
Frequency Range
(MHz)
ZBIAS
L1
(nH)
L2
(nH)
C1a
(pF)
C1c
(pF)
C2a
(pF)
C2c
(pF)
C3a
(pF)
C3c
(pF)
a. 500–1300
27 nH|| 50 Ω
3.9
3.9
DNI
4.7
DNI
5.6
DNI
3.3
b. 850–2450
19 nH || (100 Ω in position C1c)
2.7
2.7
3.3
100 Ω
4.7
DNI
3.3
DNI
c. 1250–2800
50 Ω
0 Ω
3.6
DNI
DNI
2.2
DNI
1.5
DNI
d. 2800–4400
3.9 nH
0 Ω
0 Ω
DNI
DNI
DNI
DNI
DNI
DNI
120pF
120pF
0.1µF
ZBIAS
ZBIAS
LOIP
LOIN
ADL5380
ADF4350
RFOUTA+
RFOUTA–
3.3V
C1a
C2a
C3a
C1a
C2a
C3a
C1c
C2c
C3c
1nF
1nF
L1
L2
L1
L2
12
13
3
4
Figure 8. ADF4350 RF Output Filter Schematic
COMMON VARIATIONS
The interface discussed above is applicable to any PLL with
differential LO outputs and to any 1 × LO or 2 × LO-based I/Q
demodulator. The ADL5382 is a 1 × LO-based I/Q demodulator
that operates from 700 MHz to 2700 MHz and provides slightly
higher IP3 than the ADL5380. TheAD8347 (1 × LO) and
AD8348 (2 × LO) are lower power I/Q demodulators that
integrate front-end variable gain amplifiers and fixed-gain
baseband amplifiers.
CIRCUIT EVALUATION AND TEST
The circuits shown in Figure 4 and Figure 6 were implemented
using the CN-0134 evaluation board (CFTL-0134EVALZ) and
the ADL5387 or ADL5380 evaluation boards. The CN-0134
evaluation platform includes the ADF4350, pads for an LO
filter, and differential LO outputs to SMA connectors.
The ADF4350 must be programmed, and the software is
contained on the CD that accompanies the evaluation board.
Table 2 provides the ordering guide for the various evaluation
boards.
The CN-0134 evaluation board is configured by default to an
850 MHz to 2450 MHz filter design as specified in Table 1. To
implement an alternative filter, the appropriate components
must be swapped out.
Table 2. Evaluation Board Information
Evaluation Board
ADL5387
ADL5387-EVALZ
ADL5380
Low Band (400 MHz to 3 GHz)
Mid Band (3 GHz to 4 GHz)
ADL5380-30A-EVALZ
ADL5380-29A-EVALZ
CN-0134
CFTL-0134-EVALZ
Equipment Needed
•
Windows XP, Windows Vista (32-bit), or Windows 7
(32-bit) PC with USB port
•
Evaluation boards as listed in Table 2
•
RF source (Rohde & Schwarz SMT06 or equivalent)
•
Spectrum analyzer (Rohde & Schwarz FSEA30 or
equivalent)
•
Power supplies:
•
ADL5387-EVALZ: +5 V
•
ADL5380-30A-EVALZ: +5 V
•
CFTL-0134-EVALZ: +5.5 V
Test
The CN-0134 evaluation platform allows easy evaluation and
has an integrated crystal oscillator on board. A PC with the
ADF4350 software is required to program the synthesizer to the
desired LO frequency. The ADL5387/ADL5380 quadrature
demodulator will downconvert the RF frequency to baseband.
The differential I and Q baseband outputs are applied to the
FSEA spectrum analyzer in the FFT mode, and image rejection
is measured.
Additional documentation can be found in the following design
support packages for CN-0245, CN-0134, and CN-0144:
CN-0245 Design Support Package:
www.analog.com/CN0245-DesignSupport
CN-0134 Design Support Package:
www.analog.com/CN0134-DesignSupport
CN-0144 Deign Support Package:
www.analog.com/CN0144-DesignSupport



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com