Electronic Components Datasheet Search
  English  ▼

X  

ADL5380 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL5380
Description  Wideband LO PLL Synthesizer with Simple Interface to Quadrature Demodulators
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5380 Datasheet(HTML) 1 Page - Analog Devices

  ADL5380 Datasheet HTML 1Page - Analog Devices ADL5380 Datasheet HTML 2Page - Analog Devices ADL5380 Datasheet HTML 3Page - Analog Devices ADL5380 Datasheet HTML 4Page - Analog Devices ADL5380 Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Circuit Note
CN-0245
Circuits from the Lab™ reference circuits are engineered and
testedfor quickandeasysystemintegrationtohelpsolvetoday’s
analog, mixed-signal, and RF design challenges. For more
informationand/orsupport, visitwww.analog.com/CN0245.
Devices Connected/Referenced
ADF4350
Wideband Synthesizer with
Integrated VCO
ADL5387
50 MHz to 2 GHz Quadrature Demodulator
ADL5380
400 MHz to 6 GHz Quadrature
Demodulator
Wideband LO PLL Synthesizer with Simple Interface to Quadrature Demodulators
Rev.
0
CircuitsfromtheLab™circuitsfromAnalogDeviceshavebeendesignedandbuiltbyAnalogDevices
engineers. Standard engineering practices have been employed in the design and construction of
eachcircuit,andtheirfunctionandperformancehavebeentestedandverifiedinalabenvironmentat
room temperature. However, you are solely responsible for testing the circuit and determining its
suitabilityandapplicabilityforyouruseandapplication.Accordingly,innoeventshallAnalogDevices
be liable for direct, indirect, special, incidental, consequential or punitive damages due to any cause
whatsoeverconnectedtotheuseofanyCircuitsfromtheLabcircuits.(Continuedonlastpage)
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2011 Analog Devices, Inc. All rights reserved.
EVALUATION AND DESIGN SUPPORT
Circuit Evaluation Boards
ADL5387 Evaluation Board (ADL5387-EVALZ)
ADL5380 Evaluation Board (ADL5380-30A-EVALZ)
CN0134 Evaluation Platform (CFTL-CN0134-EVALZ)
Design and Integration Files
Schematics, Layout Files, Bill of Materials
CIRCUIT FUNCTION AND BENEFITS
The circuit, shown in Figure 1, highlights the ease of interfacing
the ADF4350 wideband synthesizer with integrated VCO with
the ADL5380 and ADL5387 wideband I/Q demodulators. In
this circuit, the ADF4350 provides the high frequency, low
phase noise local oscillator (LO) signal to the wideband I/Q
demodulator.
This circuit configuration offers quite a few benefits that make
it an attractive solution in applications requiring quadrature
mixing down to baseband or to an intermediate frequency.
The ADF4350 offers RF differential outputs and, likewise, the
ADL5380/ADL5387 accept differential inputs. This interface
offers both ease of use and performance advantages. The
differential signal configuration provides common-mode noise
reduction and even order cancellation of the LO harmonics,
which maintains the quadrature accuracy of the I/Q
demodulators. Additionally, the output power level of the
ADF4350 matches the input power requirements of the
quadrature demodulators very well. As a result, an LO buffer is
not necessary.
The ADF4350 outputs cover a wide frequency range from
137.5 MHz to 4400 MHz. The ADL5387 frequency range spans
from 50 MHz to 2 GHz, and the ADL5380 covers the higher
frequency range from 400 MHz to 6 GHz. Between the
ADL5380 and ADL5387 the RF input range can span from
50 MHz to 6 GHz. Therefore, the two chip circuit configuration
as shown in Figure 1 offers coverage of a wide frequency range
from 50 MHz to 4400 GHz.
0°
90°
LOIP
LOIN
ADF4350
ADL5380/ADL5387
QUADRATURE DEMODULATOR
WIDEBAND
SYNTHESIZER
RFOUTA+
RFOUTA–
LPF
3.3V
RF+ RF–
Q+
Q–
I+
I–
ZBIAS
ZBIAS
Figure 1. Simple Interface Between the ADF4350 PLL Synthesizer and the ADL5380 or ADL5387 Quadrature Demodulator
(Simplified Schematic: All Connections and Decoupling Not Shown)


Similar Part No. - ADL5380

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5380 AD-ADL5380 Datasheet
840Kb / 36P
400 MHz to 6 GHz Quadrature Demodulator
REV. 0
ADL5380-29A-EVALZ AD-ADL5380-29A-EVALZ Datasheet
840Kb / 36P
400 MHz to 6 GHz Quadrature Demodulator
REV. 0
ADL5380-30A-EVALZ AD-ADL5380-30A-EVALZ Datasheet
840Kb / 36P
400 MHz to 6 GHz Quadrature Demodulator
REV. 0
ADL5380ACPZ-R7 AD-ADL5380ACPZ-R7 Datasheet
840Kb / 36P
400 MHz to 6 GHz Quadrature Demodulator
REV. 0
ADL5380ACPZ-WP AD-ADL5380ACPZ-WP Datasheet
840Kb / 36P
400 MHz to 6 GHz Quadrature Demodulator
REV. 0
More results

Similar Description - ADL5380

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145170-2 MOTOROLA-MC145170-2 Datasheet
871Kb / 32P
PLL Frequency Synthesizer with Serial Interface
MC145170 MOTOROLA-MC145170 Datasheet
486Kb / 16P
PLL Frequency Synthesizer with Serial Interface CMOS
MC145170-1 MOTOROLA-MC145170-1 Datasheet
456Kb / 27P
PLL Frequency Synthesizer with Serial Interface CMOS
logo
Freescale Semiconductor...
MC145170-2 FREESCALE-MC145170-2 Datasheet
1Mb / 32P
PLL Frequency Synthesizer with Serial Interface
logo
Skyworks Solutions Inc.
SKY73134 SKYWORKS-SKY73134 Datasheet
857Kb / 17P
Wideband PLL Frequency Synthesizer
logo
Analog Devices
ADRF6720-27 AD-ADRF6720-27 Datasheet
3Mb / 44P
Wideband Quadrature Modulator with Integrated Fractional-N PLL and VCOs
REV. B
logo
Motorola, Inc
MC14570 MOTOROLA-MC14570 Datasheet
486Kb / 16P
PLL FREQUENCY SYNTHESIZER WITH SERIAL INTERFACE
logo
Renesas Technology Corp
8V97051A RENESAS-8V97051A Datasheet
1Mb / 58P
Low Power Wideband Fractional RF Synthesizer / PLL
logo
Analog Devices
ADRF6720 AD-ADRF6720 Datasheet
3Mb / 44P
Wideband Quadrature Modulator with Integrated Fractional-N PLL and VCOs
4/14-Revision 0
logo
Renesas Technology Corp
8V97052 RENESAS-8V97052 Datasheet
856Kb / 48P
High Resolution Wideband RF Synthesizer / PLL
May 20, 2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com