Electronic Components Datasheet Search
  English  ▼

X  

ADRF6510 Datasheet(PDF) 5 Page - Analog Devices

Part # ADRF6510
Description  An IQ Demodulator-Based IF-to-Baseband Receiver with IF and Baseband Variable Gain and Programmable Baseband Filtering
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6510 Datasheet(HTML) 5 Page - Analog Devices

  ADRF6510 Datasheet HTML 1Page - Analog Devices ADRF6510 Datasheet HTML 2Page - Analog Devices ADRF6510 Datasheet HTML 3Page - Analog Devices ADRF6510 Datasheet HTML 4Page - Analog Devices ADRF6510 Datasheet HTML 5Page - Analog Devices ADRF6510 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Circuit Note
CN-0248
Rev. 0 | Page 5 of 6
Getting Started
To use the ADL5336 and ADRF6510, the evaluation software is
needed to control various aspects of each part. This software can
be found on the respective product web pages under the Tools,
Software, & Simulations Models link.
Once the software is downloaded and installed, plug in the USB
cables from the computer to the evaluation boards and then run
the software for the part that needs to be controlled.
Functional Block Diagram
Figure 7 shows the functional block diagram of the test setup that
was used for testing the receive chain. The ADL5336 evaluation
board only allows for single-ended input and output. The same
is true for the RF input on the ADL5387 board. The RF output
port on the vector signal generator is only single ended; therefore, a
balun between the generator and the input of the ADL5336 is
necessary. As shown in Figure 7, the rest of the signal path is
differential until the AD8130 difference amplifiers. The differential-
to-signal-ended conversion was needed because the oscilloscope
only allows for sampling of single-ended signals while being
controlled by the VSA software.
Setup and Test
The first step of the setup of the receiver test is to turn on all test
equipment. While the test equipment is warming up, the boards
must be configured correctly for proper use in this signal chain.
On the ADL5336, ensure that the 0 Ω jumper resistors that connect
the VGA1 output to the VGA2 input are populated
On the ADL5387 board, bypass the output baluns for full differential,
dc-coupled signal paths between the ADL5387 and the ADRF6510.
On the ADRF6510 board, do the following:
•
Bypass the input and output baluns
•
Place 1 kΩ differential output loads on the output signal
lines (two 500 Ω resistors to ground will suffice on each
output path)
•
Replace the stock COFS capacitors with 1 µF capacitors
Collect the evaluation boards and connect all the signal paths
together, as shown in Figure 7. Connect all boards to +5 V and
the two AD8130 boards to −5 V as well. Ensure that the power
supply current is consistent with what is expected.
As shown in Figure 7, make the following connections:
•
Connect the single-ended, 50 Ω output of the vector signal
generator to INPUT1 of the ADL5336 evaluation board.
•
Connect the I signal path output of the AD8130 to Input 1
on the oscilloscope, and connect the Q signal path output
of the AD8130 to Input 3 of the oscilloscope.
•
Connect the USB cable from the PC to the oscilloscope.
•
Connect the RF port of the signal generator to the LO
input of the ADL5387 evaluation board.
On the Agilent E4438C signal generator, do the following:
•
Set the frequency to 400 MHz
•
Set the amplitude to 0 dBm
•
Turn the RF port on
On the Agilent E4438C vector signal generator, do the following:
•
Set the RF carrier frequency to 200 MHz
•
Set the amplitude to −30 dBm
•
Turn the RF port on
•
Turn on the custom ARB inside the vector signal generator
•
Set the signal to 4-QAM, symbol rate to 5 MSPS, and pulse
shaping filter alpha to 0.35
On the PC, start the Agilent 89600 VSA software. In the VSA
software, do the following:
•
Turn the digital demodulator on
•
Set the input to the I+ jQ option
•
Set the frequency to 0 Hz, symbol rate to 5 MSPS, and
alpha to 0.35
ADRF6510
I
Q
ADL5387
2xLO
ADL5336
AGILENT E4438C
SIGNAL
GENERATOR
USB
ADL5336
EVALUATION BOARD
ADL5387
EVALUATION BOARD
ADRF6510
EVALUTION BOARD
AD8130
EVALUTION BOARDS
ADL5387-EVALZ
ADRF6510-EVALZ
AD8130-EBZ
AD8130-EBZ
+5V TO ALL BOARDS
–5V TO AD8130 BOARDS
GND TO ALL BOARDS
POWER SUPPLIES
ADL5336-EVALZ
DIV BY 2
0°
90°
AGILENT E4438C
VECTOR SIGNAL
GENERATOR
COMPUTER
AGILENT 89600
VSA SOFTWARE
Figure 7. Functional Block Diagram for Testing Direct Conversion Receiver



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com