Electronic Components Datasheet Search
  English  ▼

X  

ADL5565 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL5565
Description  High Performance 65 MHz Bandwidth Quad IF Receiver with Antialiasing Filter and 184.32 MSPS Sampling Rate
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5565 Datasheet(HTML) 1 Page - Analog Devices

  ADL5565 Datasheet HTML 1Page - Analog Devices ADL5565 Datasheet HTML 2Page - Analog Devices ADL5565 Datasheet HTML 3Page - Analog Devices ADL5565 Datasheet HTML 4Page - Analog Devices ADL5565 Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Circuit Note
CN-0259
Circuits from the Lab™ reference circuits are engineered and
tested for quick and easysystemintegrationto helpsolve today’s
analog, mixed-signal, and RF design challenges. For more
informationand/orsupport,visit www.analog.com/CN0259.
Devices Connected/Referenced
AD6657A
Quad IF Receiver, 200 MSPS Sampling Rate
ADL5565
6.0 GHz Ultrahigh Dynamic Range
Differential Amplifier
High Performance 65 MHz Bandwidth Quad IF Receiver with Antialiasing Filter
and 184.32 MSPS Sampling Rate
Rev. B
Circuitsfromthe Lab™circuitsfromAnalog Deviceshave been designedandbuiltbyAnalogDevices
engineers. Standard engineering practices have been employed in the design and construction of
eachcircuit,andtheirfunctionandperformancehavebeentestedandverifiedinalabenvironmentat
room temperature. However, you are solely responsible for testing the circuit and determining its
suitabilityandapplicabilityforyouruseandapplication.Accordingly,innoeventshallAnalogDevices
be liable for direct, indirect, special, incidental, consequential or punitive damages due to any cause
whatsoeverconnectedtotheuseofanyCircuitsfromtheLabcircuits. (Continuedonlastpage)
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2012 Analog Devices, Inc. All rights reserved.
EVALUATION AND DESIGN SUPPORT
Design and Integration Files
Schematics, Layout Files, Bill of Materials
CIRCUIT FUNCTION AND BENEFITS
The circuit, shown in Figure 1, is a 65 MHz bandwidth receiver
front end based on the ADL5565 ultrahigh dynamic range
differential amplifier driver and the 11-bit, 200 MSPS
AD6657A quad IF receiver.
The fourth-order Butterworth antialiasing filter is optimized based
on the performance and interface requirements of the amplifier
and IF receiver. The total insertion loss due the filter network
and other resistive components is only 2.0 dB. The overall circuit
has a bandwidth of 65 MHz, with the low-pass filter having a
1 dB bandwidth of 190 MHz and a 3 dB bandwidth of 210 MHz.
The pass-band flatness is 1 dB.
The circuit is optimized to process a 65 MHz bandwidth IF signal
centered at 140 MHz with a sampling rate of 184.32 MSPS. The
SNR and SFDR measured with a 140 MHz analog input across
the 65 MHz band are 70.1 dBFS and 80.9 dBc, respectively.
0.1µF
0.1µF
0.1µF
0.1µF
ADL5565
G = 6dB
2.2pF
40Ω
40Ω
XFMR
1:1 Z
ECT 1-1-13M
INPUT
Z = 50Ω
ZI = 200Ω
INTERNAL
INPUT Z
AD6657A
11-BIT
200MSPS
IF RECEIVER
7.5pF
110nH
5Ω
5Ω
209Ω
50Ω
249Ω
+3.3V
+1.8V
1.875dB LOSS
0.125dB LOSS
2.0dB LOSS
6dB GAIN
FS 1.75V p-p DIFF
FILTER
72nH
110nH
72nH
0.1dB LOSS
ANALOG
INPUT
+4.9dBm
AT 10MHz
OVERALL GAIN = 3.9dB
VCM
110Ω
RTADC
110Ω
RTADC
0.1µF
RKB
15Ω
RKB
15Ω
RA
20Ω
RA
20Ω
RADC
2.4kΩ
1.5pF
VIP2
VIN2
VIP1
VIN1
Figure 1. Single Channel of Quad IF Receiver Front End (Simplified Schematic: All Connections and Decoupling Not Shown)
Gains, Losses, and Signal Levels Measured Values at 10 MHz


Similar Part No. - ADL5565

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5565 AD-ADL5565 Datasheet
1Mb / 28P
6 GHz Ultrahigh Dynamic Range Differential Amplifier
REV. 0
ADL5565 AD-ADL5565 Datasheet
842Kb / 28P
6 GHz Ultrahigh Dynamic Range
REV. B
ADL5565 AD-ADL5565 Datasheet
301Kb / 6P
Resonant Approach to Designing a Band-Pass Filter for Narrow-Band, High IF, 16-Bit, 250 MSPS Receiver Front End
REV. 0
ADL5565 AD-ADL5565 Datasheet
176Kb / 5P
High IF Sampling Receiver Front End with Band-Pass Filter
REV. 0
ADL5565 AD-ADL5565 Datasheet
961Kb / 29P
6 GHz Ultrahigh Dynamic Range Differential Amplifier
REV. D
More results

Similar Description - ADL5565

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6640 AD-AD6640 Datasheet
488Kb / 24P
12-Bit, 65 MSPS IF Sampling A/D Converter
logo
Texas Instruments
ADS5413-11 TI-ADS5413-11 Datasheet
311Kb / 19P
SINGLE 11-BIT, 65-MSPS HIGH IF SAMPLING
logo
Analog Devices
CN-0227 AD-CN-0227 Datasheet
269Kb / 5P
High Performance, 16-Bit, 250 MSPS Wideband Receiver with Antialiasing Filter
REV. A
CN-0279 AD-CN-0279 Datasheet
176Kb / 5P
High IF Sampling Receiver Front End with Band-Pass Filter
REV. 0
AD6640ASTZ AD-AD6640ASTZ Datasheet
920Kb / 24P
12-Bit, 65 MSPS IF Sampling A/D Converter
REV. A
CN-0140 AD-CN-0140 Datasheet
198Kb / 4P
High Performance, Dual Channel IF Sampling Receiver
REV. 0
AD6640 AD-AD6640_15 Datasheet
2Mb / 24P
12-Bit, 65 MSPS IF Sampling A/D Converter
REV. A
logo
TriQuint Semiconductor
857124 TRIQUINT-857124_15 Datasheet
451Kb / 6P
184.32 MHz SAW Filter
logo
Analog Devices
AD6684 AD-AD6684 Datasheet
2Mb / 107P
135 MHz Quad IF Receiver
REV. 0
AD6677 AD-AD6677 Datasheet
1Mb / 48P
80 MHz Bandwidth, IF Receiver
Jan-2016
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com