Electronic Components Datasheet Search
  English  ▼

X  

ADF4351 Datasheet(PDF) 4 Page - Analog Devices

Part # ADF4351
Description  Increasing the Number of Outputs from a Clock Source Using Low Jitter LVPECL Fanout Buffers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4351 Datasheet(HTML) 4 Page - Analog Devices

  ADF4351 Datasheet HTML 1Page - Analog Devices ADF4351 Datasheet HTML 2Page - Analog Devices ADF4351 Datasheet HTML 3Page - Analog Devices ADF4351 Datasheet HTML 4Page - Analog Devices ADF4351 Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
CN-0294
Circuit Note
Rev. 0 | Page 4 of 5
Phase Noise and Jitter Measurement
1. Repeat Step 1 to Step 4 from the Logic Level Measurement
section.
2. Terminate the unused CLK2 output of the
ADCLK948/PCBZ with a 50 Ω load (see Figure 5).
3. Connect the CLK2 output via a SMA cable to the signal
source analyzer (see Figure 5).
4. Measure the jitter performance of the signal.
Figure 6 shows the phase noise at the output of the ADF4351,
and the rms jitter is 325.7 fs. Figure 7 shows the phase noise at
the ADCLK948 output. The rms jitter is 330.4 fs.
The additive jitter of the ADCLK948 can be calculated as
√(330.42 − 325.72) = 55.5 fs rms. The specified value from
the ADCLK948 data sheet is 75 fs rms.
SPECTRUM
ANALYZER
(R&S FSUP26)
POWER
SUPPLY
50Ω
TERM
RFOUTA+
RFOUTA−
PC
USB
COM
3.3V
ADF4351
EVALUATION BOARD
(EVAL-ADF4351EB1Z)
T7
ADCLK948/PCBZ
EVALUATION BOARD
J4
J2
CLK0
OUT2
CLK0
OUT2
Figure 5. ADF4351 Phase Noise and Jitter Measurement Setup
R&S FSUP 26 Signal Source Analyzer
LOCKED
Settings
Residual Noise [T1 w/o spurs]
Phase Detector +20 dB
Signal Frequency:
999.999524 MHz
Int PHN (1.0 k .. 30.0 M) –56.8 dBc
Signal Level:
–3.86 dBm
Residual PM
0.117 °
Cross Corr Mode
Harmonic 1
Residual FM
2.939 kHz
Internal Ref Tuned
Internal Phase Det
RMS Jitter
0.3257 ps
Phase Noise [dBc/Hz]
Marker 1 [T1]
Marker 2 [T1]
Marker 3 [T1]
Marker 4 [T1]
RF Atten
5 dB
1 kHz
10 kHz
100 kHz
1 MHz
Top –70 dBc/Hz
–101.53 dBc/Hz
–104.91 dBc/Hz
–113.11 dBc/Hz
–142.41 dBc/Hz
–160
–150
–140
–130
–120
–110
–100
–90
–80
10kHz
100kHz
1MHz
10MHz
1kHz
30MHz
–160
–150
–140
–130
–120
–110
–100
–90
–80
Spur Power (dBc)
LoopBW 300Hz
2 CLRWR
A
1 CLRWR
SMTH 1%
SPR OFF
TH 0dB
FREQUENCY OFFSET
1
2
3
4
Figure 6. ADF4351 Output Phase Noise Measurement Showing 325.7 fs rms Jitter



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com