Electronic Components Datasheet Search
  English  ▼

X  

30993 Datasheet(PDF) 49 Page - Tyco Electronics

Part # 30993
Description  SOLISTRAND, Budget and DIAMOND GRIP
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

30993 Datasheet(HTML) 49 Page - Tyco Electronics

Back Button 30993 Datasheet HTML 45Page - Tyco Electronics 30993 Datasheet HTML 46Page - Tyco Electronics 30993 Datasheet HTML 47Page - Tyco Electronics 30993 Datasheet HTML 48Page - Tyco Electronics 30993 Datasheet HTML 49Page - Tyco Electronics 30993 Datasheet HTML 50Page - Tyco Electronics 30993 Datasheet HTML 51Page - Tyco Electronics 30993 Datasheet HTML 52Page - Tyco Electronics 30993 Datasheet HTML 53Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 60 page
background image
SOLISTRAND, Budget and DIAMOND GRIP
Uninsulated Terminals and Splices
Catalog 65505
Revised 9-00
For drawings, technical data or samples, contact your AMP sales engineer or call the AMP Technical Support Center 1-800-522-6752.
Dimensions are in inches and millimeters unless otherwise specified. Values in brackets are metric equivalents.
Specifications subject to change. Consult AMP for latest specifications.
49
Description of UL 486A Test Procedures and Requirements for Terminals
Requirement:
Connector temperatures must not exceed the ambi-
ent temperature plus 50°C [90°F] after stability is
attained.
Stability:
A test sample is considered to have attained a stable
temperature when three readings taken at not less
than 10 minute intervals show no more than a 2°C
[3.6°F] variation between any two readings.
Wire Size Range
AWG 22 to 600 MCM
Test Sequences
Test Group 1
Mechanical Sequence
1. Secureness
2. Pullout
Test Group 2
Mechanical Sequence
1. Secureness
2. Static Heat
3. Pullout
Wire Size
Pullout
AWG
Force (lbs.)
22
8
20
13
18
20
16
30
14
50
12
70
10
80
8
90
6
100
4
140
2
180
1/0
250
2/0
300
3/0
350
4/0
450
250
500
300
550
350
600
400
650
500
800
600
900
Note: Testing conducted on non-plated
copper wire with UL approved insulation.
Wire Size
Test Current
AWG
(Amperes)
22
9
20
12
18
17
16
18
14
30
12
35
10
50
8
70
6
95
4
125
2
170
1/0
230
2/0
265
3/0
310
4/0
360
250
405
300
445
350
505
400
545
500
620
600
690
Secureness Test Requirements
Static Heat Test Requirements
Pullout Test Requirements
Wire Size
Bushing
Height
Weight
AWG
Dia.
(lbs.)
18-16
1/4
10 1/4
2
14
3/8
11
3
12-10
3/8
11
5
8
3/8
11
8
6
1/2
11 3/4
18
4
1/2
11 3/4
30
2
9/16
12 1/2
30
1/0
5/8
13 1/2
50
2/0
3/4
14 1/2
50
3/0
3/4
14 1/2
60
4/0
3/4
14 1/2
60
250
7/8
16
60
300
7/8
16
80
350-400
1
17
80
500-600
1 1/8
18 1/4
100
Note: Test Duration = 30 Minutes
Terminal must not be separate from wire when
subjected to the listed load for one minute.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com