Electronic Components Datasheet Search
  English  ▼

X  

30993 Datasheet(PDF) 52 Page - Tyco Electronics

Part # 30993
Description  SOLISTRAND, Budget and DIAMOND GRIP
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

30993 Datasheet(HTML) 52 Page - Tyco Electronics

Back Button 30993 Datasheet HTML 48Page - Tyco Electronics 30993 Datasheet HTML 49Page - Tyco Electronics 30993 Datasheet HTML 50Page - Tyco Electronics 30993 Datasheet HTML 51Page - Tyco Electronics 30993 Datasheet HTML 52Page - Tyco Electronics 30993 Datasheet HTML 53Page - Tyco Electronics 30993 Datasheet HTML 54Page - Tyco Electronics 30993 Datasheet HTML 55Page - Tyco Electronics 30993 Datasheet HTML 56Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 60 page
background image
SOLISTRAND, Budget and DIAMOND GRIP
Uninsulated Terminals and Splices
Catalog 65505
Revised 9-00
For drawings, technical data or samples, contact your AMP sales engineer or call the AMP Technical Support Center 1-800-522-6752.
Dimensions are in inches and millimeters unless otherwise specified. Values in brackets are metric equivalents.
Specifications subject to change. Consult AMP for latest specifications.
52
Application Tooling Information for SOLISTRAND Terminals and Splices
Wire Size Range
AWG 8 to 600 MCM
1
CERTI-CRIMPHand Tool.
2
These crimping heads are recommended for use only with AMP Hydraulic Hand Pump 314979-1, DYNA-CRIMPHydraulic Power Units 69120-1
(115 VAC) and 69120-2 (230 VAC), and with DYNA-CRIMP II Battery Operated Hydraulic Power Unit 122271-1. See pages 55 & 56.
Chart lists common AMP Application Tooling. For additional information call the Tooling Assistance Center 1-800-722-1111.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com