Electronic Components Datasheet Search
  English  ▼

X  

BD136 Datasheet(PDF) 1 Page - Comset Semiconductor

Part # BD136
Description  SILICON PLANAR EPITAXIAL POWER TRANSISTORS.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BD136 Datasheet(HTML) 1 Page - Comset Semiconductor

  BD136 Datasheet HTML 1Page - Comset Semiconductor BD136 Datasheet HTML 2Page - Comset Semiconductor BD136 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN BD136 – BD138 – BD140
15/10/2012
COMSET SEMICONDUCTORS
1 | 3
SILICON PLANAR EPITAXIAL POWER TRANSISTORS.
The BD136-BD138-BD140 are PNP Transistors
They are recommended for driver stages in hi-fi amplifiers and television circuits.
They are mounted in Jedec TO-126 plastic package.
NPN complements are BD135-BD137-BD139.
Compliance to RoHS.
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
-VCBO
Collector-Base Voltage (IE= 0)
BD135
45
V
BD137
60
BD139
100
-VCEO
Collector-Emitter Voltage (IB= 0)
BD135
45
V
BD137
60
BD139
80
-VCER
Collector-Emitter Voltage (RBE= 1 kΩ)
BD135
45
V
BD137
60
BD139
100
-VEBO
Emitter-Base Voltage (IE= 0)
5
V
-IC
Collector Current
-IC
1.5
A
-ICM
2
-IB
Base current
0.5
A
PT
Total power Dissipation
@ Tmb = 70°C
8
Watts
TJ
Junction Temperature
150
°C
TStg
Storage Temperature
-65 to +150
°C
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
RthJ-mb
Thermal Resistance, Junction to mouting base
10
K/W
RthJ-a
Thermal Resistance, Junction to ambient in free air
100
K/W


Similar Part No. - BD136

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BD136 MOTOROLA-BD136 Datasheet
104Kb / 4P
Plastic Medium Power Silicon PNP Transistor
logo
NXP Semiconductors
BD136 PHILIPS-BD136 Datasheet
44Kb / 8P
PNP power transistors
1999 Apr 12
logo
STMicroelectronics
BD136 STMICROELECTRONICS-BD136 Datasheet
44Kb / 4P
PNP SILICON TRANSISTORS
Jun-1997
logo
Siemens Semiconductor G...
BD136 SIEMENS-BD136 Datasheet
188Kb / 5P
PNP SILICON TRANSISTORS
logo
Fairchild Semiconductor
BD136 FAIRCHILD-BD136 Datasheet
41Kb / 4P
Medium Power Linear and Switching Applications
More results

Similar Description - BD136

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CMBT5087 CDIL-CMBT5087 Datasheet
155Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
CMMT591 CDIL-CMMT591 Datasheet
137Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Comset Semiconductor
2N1613 COMSET-2N1613 Datasheet
214Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
BD132 COMSET-BD132 Datasheet
101Kb / 2P
SILICON PLANAR EPITAXIAL POWER TRANSISTORS
BDX35 COMSET-BDX35 Datasheet
219Kb / 4P
SILICON PLANAR EPITAXIAL POWER TRANSISTORS
BD135 COMSET-BD135 Datasheet
73Kb / 3P
SILICON PLANAR EPITAXIAL POWER TRANSISTORS
BD131 COMSET-BD131_12 Datasheet
62Kb / 2P
SILICON PLANAR EPITAXIAL POWER TRANSISTORS
BD132 COMSET-BD132_12 Datasheet
63Kb / 2P
SILICON PLANAR EPITAXIAL POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
BDX35 NJSEMI-BDX35 Datasheet
108Kb / 3P
SILICON PLANAR EPITAXIAL POWER TRANSISTORS
BD131 NJSEMI-BD131 Datasheet
74Kb / 2P
SILICON PLANAR EPITAXIAL POWER TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com