Electronic Components Datasheet Search
  English  ▼

X  

BD646 Datasheet(PDF) 3 Page - Comset Semiconductor

Part # BD646
Description  SILICON DARLINGTON POWER TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BD646 Datasheet(HTML) 3 Page - Comset Semiconductor

  BD646 Datasheet HTML 1Page - Comset Semiconductor BD646 Datasheet HTML 2Page - Comset Semiconductor BD646 Datasheet HTML 3Page - Comset Semiconductor BD646 Datasheet HTML 4Page - Comset Semiconductor BD646 Datasheet HTML 5Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BD644 – 646 – 648 – 650 – 652
18/10/2012
COMSET SEMICONDUCTORS
3 | 5
SEMICONDUCTORS
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
-ICBO
Collector Cutoff
Current
-IE=0,-VCB =-VCEOMAX
BD644
-
-
0.1
mA
BD646
BD648
BD650
BD652
-IE=0,-VCB =1/2 -
VCBOMAX, TJ=150°C
BD644
-
-
1
mA
BD646
BD648
BD650
BD652
-ICEO
Collector Cutoff
Current
-IE=0, -VCE =1/2 -
VCEOMAX
BD644
-
-
0.2
mA
BD646
BD648
BD650
BD652
-IEBO
Emitter Cutoff Current
-VEB=5 V, -IC=0
BD644
-
-
5.0
mA
BD646
BD648
BD650
BD652
-VCE(SAT)
Collector-Emitter
saturation Voltage (*)
-IC=4 A, -IB=16 mA
BD644
-
-
2
V
-IC=3 A, -IB=12 mA
BD646
-
-
2
BD648
BD650
BD652
-IC=5 A, -IB=50 mA
BD644
-
-
2.5
BD646
BD648
BD650
BD652
-VBE(SAT)
Base-Emitter
Saturation Voltage (*)
-IC=12 A, -IB=50 mA
BD644
-
-
3
V
BD646
BD648
BD650
BD652



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com