Electronic Components Datasheet Search
  English  ▼

X  

BD646 Datasheet(PDF) 4 Page - Comset Semiconductor

Part # BD646
Description  SILICON DARLINGTON POWER TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BD646 Datasheet(HTML) 4 Page - Comset Semiconductor

  BD646 Datasheet HTML 1Page - Comset Semiconductor BD646 Datasheet HTML 2Page - Comset Semiconductor BD646 Datasheet HTML 3Page - Comset Semiconductor BD646 Datasheet HTML 4Page - Comset Semiconductor BD646 Datasheet HTML 5Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
BD644 – 646 – 648 – 650 – 652
18/10/2012
COMSET SEMICONDUCTORS
4 | 5
SEMICONDUCTORS
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Min
Typ
Max
Unit
-VBE
Base-Emitter Voltage
(*)
-IC=4 A, -VCE=3 V
BD644
-
-
2.5
V
-IC=3 A, -VCE=3 V
BD646
-
-
2.5
BD648
BD650
BD652
hFE
DC Current Gain (*)
-VCE=3.0 V
-IC=0.5 A
BD644
-
2700
-
-
BD646
BD648
BD650
BD652
-VCE=3.0 V, -IC=4 A
BD644
750
-
-
-VCE=3.0 V, -IC=3 A
BD646
750
-
-
BD648
BD650
BD652
-VCE=3.0 V, -IC=8 A
BD644
-
200
-
BD646
BD648
BD650
BD652
hfe
Small Signal Current
Gain
-VCE=3.0 V, -IC=4 A
f=1MHz
BD644
10
-
-
-VCE=3.0 V
-IC=3 A, f=1MHz
BD646
10
-
-
BD648
BD650
BD652
ton
turn-on time
-IC=3 A
-IBon= IBoff=12 mA
All types
-
1
-
µs
toff
turn-off time
-
5
-
(*) Pulse Width
≈ 300 µs, Duty Cycle ∠ 2.0%



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com