Electronic Components Datasheet Search
  English  ▼

X  

CS82C52Z Datasheet(PDF) 4 Page - Intersil Corporation

Part # CS82C52Z
Description  CMOS Serial Controller Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CS82C52Z Datasheet(HTML) 4 Page - Intersil Corporation

  CS82C52Z Datasheet HTML 1Page - Intersil Corporation CS82C52Z Datasheet HTML 2Page - Intersil Corporation CS82C52Z Datasheet HTML 3Page - Intersil Corporation CS82C52Z Datasheet HTML 4Page - Intersil Corporation CS82C52Z Datasheet HTML 5Page - Intersil Corporation CS82C52Z Datasheet HTML 6Page - Intersil Corporation CS82C52Z Datasheet HTML 7Page - Intersil Corporation CS82C52Z Datasheet HTML 8Page - Intersil Corporation CS82C52Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
FN2950.3
April 26, 2006
SDI
25
I
High
SERIAL DATA INPUT: Serial data input to the 82C52 receiver circuits. A Mark (1) is high, and a
Space (0) is low. Data inputs on SDI are disabled when operating in the loop mode or when RST is
true.
DR
26
O
High
DATA READY: A true level indicates that a character has been received, transferred to the RBR, and
is ready for transfer to the CPU. DR is reset on a data READ of the Receiver Buffer Register (RBR)
or when RST is true.
VCC
27
High
VCC: +5V positive power supply pin. A 0.1µF decoupling capacitor from VCC (Pin 27) to GND (Pin
16) is recommended.
CS0
28
I
Low
CHIP SELECT: The chip select input acts as an enable signal for the RD and WR input signals.
Pin Description (Continued)
SYMBOL
PIN
NO.
TYPE
ACTIVE
LEVEL
DESCRIPTION
82C52
82C52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com