Electronic Components Datasheet Search
  English  ▼

X  

CS82C52Z Datasheet(PDF) 10 Page - Intersil Corporation

Part # CS82C52Z
Description  CMOS Serial Controller Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CS82C52Z Datasheet(HTML) 10 Page - Intersil Corporation

Back Button CS82C52Z Datasheet HTML 6Page - Intersil Corporation CS82C52Z Datasheet HTML 7Page - Intersil Corporation CS82C52Z Datasheet HTML 8Page - Intersil Corporation CS82C52Z Datasheet HTML 9Page - Intersil Corporation CS82C52Z Datasheet HTML 10Page - Intersil Corporation CS82C52Z Datasheet HTML 11Page - Intersil Corporation CS82C52Z Datasheet HTML 12Page - Intersil Corporation CS82C52Z Datasheet HTML 13Page - Intersil Corporation CS82C52Z Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
FN2950.3
April 26, 2006
82C52 - 80C86 Interfacing
The following example (Figure 11) shows the interface for an
82C52 in an 80C86 system.
Use of the Intersil CMOS Interrupt Controller (82C59A) is
optional and necessary only if an interrupt driven system is
desired.
By using the Intersil CMOS 82C84A clock generator, the
system can be built with a single crystal providing both the
processor clock and the clock for the 82C52. The 82C52 has
special divider circuitry which is designed to supply industry
standard baud rates with a 2.4576MHz input frequency.
Using a 15MHz crystal as shown, results in less than a 2%
frequency error which is adequate for many applications. For
more precise baud rate requirements, a 14.7456MHz crystal
will drive the 80C86 at 4.9MHz and provide the 82C52 with
the standard baud rate input frequency of 2.4576MHz. If
baud rates above 156Kbaud are desired, the OSC output
can be used instead of the PCLK (
÷6) output for
asynchronous baud rates up to 1Mbaud.
NOTE: C1 = C2 = 20pF For CL = 20pF
C1 = C2 = 47pF For CL = 32pF
FIGURE 10.
C1 (NOTE)
GND
C2 (NOTE)
IX
OX
82C52
FIGURE 11. 80C86/82C52 INTERFACE
15MHz
X1
X2
CLK
PCLK
OSC
82C84A OR
82C85
INT
INTA
CLK
80C86
OR
80C88
5MHz
INT
IRX
82C59A
SDO
SDI
IX
82C52
CSO
INTA
AD0, AD7
2.5MHz
15MHz
82C88
(MAX MODE)
IORD
IOWR
ADDRESS BUS
2
CHIP SELECT
3
SERIAL
DATA
D0-D7
A0, A1
RD
WR
INTR, DR, TBRE
82C52
82C52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com