Electronic Components Datasheet Search
  English  ▼

X  

BDV67B Datasheet(PDF) 2 Page - Comset Semiconductor

Part # BDV67B
Description  NPN SILICON DARLINGTONS POWER TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BDV67B Datasheet(HTML) 2 Page - Comset Semiconductor

  BDV67B Datasheet HTML 1Page - Comset Semiconductor BDV67B Datasheet HTML 2Page - Comset Semiconductor BDV67B Datasheet HTML 3Page - Comset Semiconductor BDV67B Datasheet HTML 4Page - Comset Semiconductor BDV67B Datasheet HTML 5Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BDV67-A-B-C-D
26/09/2012
COMSET SEMICONDUCTORS
2/5
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
PT
Power Dissipation
@ Tmb = 25° C
BDV67
200
W
BDV67A
BDV67B
BDV67C
BDV67D
TJ
Junction Temperature
BDV67
150
°C
BDV67A
BDV67B
BDV67C
BDV67D
TS
Storage Temperature
BDV67
-65 to +150
BDV67A
BDV67B
BDV67C
BDV67D
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
RthJ-mb
Thermal Resistance, Junction to Mounting Base
0.625
°C / W
SWITCHING TIMES
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
ton
turn-on time
IC= 10 A , VCC= 12 V
IB1 = -IB2 = 40 mA
-
1
-
µs
toff
turn-off time
-
3.5
-



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com