Electronic Components Datasheet Search
  English  ▼

X  

VM800C Datasheet(PDF) 10 Page - Future Technology Devices International Ltd.

Part # VM800C
Description  Embedded Video Engine Credit Card Board
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

VM800C Datasheet(HTML) 10 Page - Future Technology Devices International Ltd.

Back Button VM800C Datasheet HTML 6Page - Future Technology Devices International Ltd. VM800C Datasheet HTML 7Page - Future Technology Devices International Ltd. VM800C Datasheet HTML 8Page - Future Technology Devices International Ltd. VM800C Datasheet HTML 9Page - Future Technology Devices International Ltd. VM800C Datasheet HTML 10Page - Future Technology Devices International Ltd. VM800C Datasheet HTML 11Page - Future Technology Devices International Ltd. VM800C Datasheet HTML 12Page - Future Technology Devices International Ltd. VM800C Datasheet HTML 13Page - Future Technology Devices International Ltd. VM800C Datasheet HTML 14Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
10
Copyright © 2013 Future Technology Devices International Limited
VM800C Datasheet
Version 1.0
Document Reference No.: FT_000844
Clearance No.: FTDI#
345
4
Board Schematics
FT800_PD#
FT800_INT#
VCC
14
A1
2
GND
7
OE1
1
Y1
3
A2
5
Y4
11
OE2
4
OE4
13
Y2
6
A4
12
A3
9
Y3
8
OE3
10
U2
74LCX125
3V3
GND
FT800_SCK
FT800_MOSI
FT800_CS#
FT800_MISO
MISO
CS#
SCK
VCC
14
A1
2
GND
7
OE1
1
Y1
3
A2
5
Y4
11
OE2
4
OE4
13
Y2
6
A4
12
A3
9
Y3
8
OE3
10
U3
74LCX125
PD#
INT#
3V3
GND
CS#
MOSI
INT#
PD#
MISO
SCK
MOSI
AUDIO_L
AUDIO_L
AUDIO_SHDN#
AUDIO_SHDN#
3V3
CS#
AUDIO_L
1
GND
2
SCKL/SCK
3
MISO/SDA
4
MOSI/SA0
5
CS_n/SA1
6
GPIO0/SA2
7
GPIO1
8
VCCIO
9
MODE
10
INT
11
PD
12
DE
25
VSYNC
26
HSYNC
27
DISP
28
DCLK
29
B7
30
B6
31
B5
32
B4
33
B3
34
B2
35
GND
36
U1
FT800Q
VCORE
3V3
GND
R2
R3
R4
R5
R6
R7
G2
G3
G4
G5
G6
G7
B2
B3
B4
B5
B6
B7
DCLK
DISP
HSYNC
VSYNC
DE
BCKL
YM
XM
YP
XP
Y1
12MHz
C2
27pF
C1
27pF
GND
GND
AUDIO_L
FT800_SCK
FT800_MISO
FT800_MOSI
FT800_CS#
GND
R4
47k
C3
4.7uF
C4
0.1uF
3V3
GND
C5
4.7uF
C6
0.1uF
GND
VCORE
AUDIO_SHDN#
FT800_PD#
FT800_INT#
R3
47k
LEDK
R2
R4
R6
LEDA
R3
R5
R7
G2
G3
G4
G5
G6
G7
B2
B3
B4
B5
B6
B7
GND
R0
R1
G0
G1
B0
B1
YM
XM
YP
XP
DCLK
DISP
HSYNC
VSYNC
DE
LED-K
LED-K
LED-A
LED-A
NC
NC
NC
RESET
SPENA
SPCK
SPDA
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
HSYNC
VSYNC
DOTCLK
NC
NC
VDD
VDD
NC
NC
NC
NC
NC
XR
YD
XL
DEN
GND
GND
YU
B0
B1
B2
B3
B4
B5
B6
B7
G0
G1
G2
G3
G4
G5
G6
G7
R0
R1
R2
R3
R4
R5
R6
R7
[Left]
[Right]
[Bottom]
[Top]
LCD1
AT035GT-07ED3
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
9
9
10
10
11
11
12
12
13
13
14
14
15
15
16
16
17
17
18
18
19
19
20
20
21
21
22
22
23
23
24
24
25
25
26
26
27
27
28
28
29
29
30
30
31
31
32
32
33
33
34
34
35
35
36
36
37
37
38
38
39
39
40
40
41
41
42
42
43
43
44
44
45
45
46
46
47
47
48
48
49
49
50
50
51
51
52
52
53
53
54
54
0
0
0
0
J1
0.5B-54PBX
3V3
GND
L1
NR3015T220M
C12
0.22uF
R5
4k7
C11
2.2nF
D1
1N4148
R6
10k/1%
VOUT
1
VIN
2
FB
6
EN
3
SW
7
U4
MIC2289-24YML
C9
10uF
C10
0.1uF
R7
4R7
LED Current Sense R7
4.7R :=20mA
5V
LEDK
LEDA
BCKL
GND
GND
GND
GND
GND
C7
0.1uF
3V3
GND
C8
0.1uF
Figure 4-1 - VM800C35 ( 3.5” Version)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com