Electronic Components Datasheet Search
  English  ▼

X  

VM800C Datasheet(PDF) 14 Page - Future Technology Devices International Ltd.

Part # VM800C
Description  Embedded Video Engine Credit Card Board
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

VM800C Datasheet(HTML) 14 Page - Future Technology Devices International Ltd.

Back Button VM800C Datasheet HTML 10Page - Future Technology Devices International Ltd. VM800C Datasheet HTML 11Page - Future Technology Devices International Ltd. VM800C Datasheet HTML 12Page - Future Technology Devices International Ltd. VM800C Datasheet HTML 13Page - Future Technology Devices International Ltd. VM800C Datasheet HTML 14Page - Future Technology Devices International Ltd. VM800C Datasheet HTML 15Page - Future Technology Devices International Ltd. VM800C Datasheet HTML 16Page - Future Technology Devices International Ltd. VM800C Datasheet HTML 17Page - Future Technology Devices International Ltd. VM800C Datasheet HTML 18Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
14
Copyright © 2013 Future Technology Devices International Limited
VM800C Datasheet
Version 1.0
Document Reference No.: FT_000844
Clearance No.: FTDI#
345
5
Hardware Setup Guide
5.1
Power Configuration
There are 5 methods of powering the VM800C board.
1) USB Power(5V) - Connect USB power through micro-USB cable to CN2
2) DC IN(5V) - Connect 5V to CN1
3) DC IN(3.3V) - Connect 3.3V to CN1 and short J5 pin 7 and 8
4) J5 Power(5V) - Connect 5V to J5 pin 7
5) *J5 Power(3.3V) - Connect 3.3V to J5 pin 7 and 8
*Warning: Applying 5 V accidently in this mode may cause permanent demage to the VM800C module.
The following table summarise how to power the VM800C board using the various methods.
Power Method
CN2
CN1
J5 Pin 7
J5 Pin 8
SW1
USB Power
5V
N/C
N/C
N/C
Short pin 2-3
DC IN(5V)
N/C
5V
N/C
N/C
Short pin 1-2
DC IN(3.3V)
N/C
3.3V
SHORT
Short pin 1-2
J5 Power(5V)
N/C
N/C
5V
N/C
Any Position
J5 Power (3.3V)
N/C
N/C
3.3V
Any Position
Table 5-1 Board power configuration
5.2
MPSSE Setup
To give a quick start with the VM800C development board, a Windows based Sample Application and
demo applications are provided for users to experiment and experience the FT800 in the VM800C
system. The following paragraphs provide a short description for development procedures.
MPSSE is a “multi purpose synchronous serial engine” interface available in some FTDI device (e.g.
FT2232D, FT232H, FT2232H anf FT4232H). This engine allows users to bridge from a USB port on a PC to
an I2C or SPI interface. Sample code is available for driving the FT800 over this interface with a FT232H
device that has been integrated into a cable. This device is available in the VA800A-SPI board, or
C232HM-EDHSL-0(5V) cable or C232HM-DDHSL-0(3.3V) cable.
VA800A-SPI is a MPSSE module accessory which can connect to the VM800C modules directly. Detailed
information of VA800A-SPI can be found at:
http://www.ftdichip.com/VM800B.htm.
More information about MPSSE cables may be found at:
http://www.ftdichip.com/Support/Documents/DataSheets/Cables/DS_C232HM_MPSSE_CABLE.pdf.
In this section it is assumed the 5V version of the MPSSE cable (FTDI part no C232HM-EDHSL-0) is used.
In case a 3.3V version of the MPSSE cable (FTDI part no C232HM-DDHSL-0) is available, the setup is
similar except for the power pin connection. Refer to table 5-1 for board power configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com