Electronic Components Datasheet Search
  English  ▼

X  

BUX40 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # BUX40
Description  HIGH CURRENT, HIGH SPEED, HIGH POWER TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BUX40 Datasheet(HTML) 2 Page - Comset Semiconductor

  BUX40 Datasheet HTML 1Page - Comset Semiconductor BUX40 Datasheet HTML 2Page - Comset Semiconductor BUX40 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NPN BUX40
26/10/2012
COMSET SEMICONDUCTORS
3/3
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
VCEO(SUS)
Collector-Emitter Sustaining
Voltage (*)
IC=200 mA
125
-
-
V
VEB0
Emitter-Base Voltage
IC=0A , IE=50 mA
7
-
-
V
ICEO
Collector Cutoff Current
VCE=100 V , IB=0A
-
-
1
mA
ICEX
Collector Cutoff Current
VCE= VCEX, VBE= -1.5V
-
-
1
mA
VCE= VCEX, VBE= -1.5V
Tcase = 125°C
-
-
5
IEBO
Emitter Cutoff Current
VEB=5.0 V, IC=0
-
-
1
mA
hFE
DC Current Gain (*)
IC=10 A , VCE=4.0 V
15
-
45
-
IC=15 A , VCE=4.0 V
8
-
-
VCE(SAT)
Collector-Emitter saturation
Voltage (*)
IC=10 A , IB=1 A
-
0.6
1.2
V
IC=15 A , IB=1.88 A
-
0.9
1.6
VBE(SAT)
Base-Emitter saturation Voltage (*) IC=15 A , IB=1.88 A
-
1.7
2
IS/B
Second breakdown collector
current
VCE=30 V , ts = 1s
4
-
-
A
VCE=50 V , ts = 1s
1
-
-
ES/B
Clamped ES/B Collector current
Vclamp=125 V
L=500 µH
15
-
-
A
fT
Transition frequency
VCE=15 V , IC=1 A
f=10 MHz
8
-
-
MHz
ton
Turn-on time
IC=15 A , IB=1.88 A
VCC=30 V
-
0.35
1.2
µs
ts
Storage time
IC=15 A , VCC=30 V
IB1 = -IB2 =1.88 A
-
0.85
1
tf
File time
-
0.14
0.4
(*) Pulse Duration = 300
µs, Duty Cycle <= 2%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com