Electronic Components Datasheet Search
  English  ▼

X  

MLG1005S Datasheet(PDF) 21 Page - TDK Electronics

Part # MLG1005S
Description  Inductors for High Frequency Multilayer Ceramic
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MLG1005S Datasheet(HTML) 21 Page - TDK Electronics

Back Button MLG1005S Datasheet HTML 16Page - TDK Electronics MLG1005S Datasheet HTML 17Page - TDK Electronics MLG1005S Datasheet HTML 18Page - TDK Electronics MLG1005S Datasheet HTML 19Page - TDK Electronics MLG1005S Datasheet HTML 20Page - TDK Electronics MLG1005S Datasheet HTML 21Page - TDK Electronics MLG1005S Datasheet HTML 22Page - TDK Electronics MLG1005S Datasheet HTML 23Page - TDK Electronics MLG1005S Datasheet HTML 24Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
(20/23)
INDUC
T
O
RS
001-01 / 20130531 / e521_mlg.fm
• All specifications are subject to change without notice.
MLGseries 
MLG1608 Type
ELECTRICAL CHARACTERISTICS
L, Q FREQUENCY CHARACTERISTICS TABLE
 The " □□□ " of the Part Number contains the internal code.
Because it provides for a product of smaller inductance tolerance, please refer.
○ Measurement equipment
* Equivalent measurement equipment may be used.
L(nH)typ.
Q typ.
Part No.*
500MHz
800MHz
1.8GHz
2.0GHz
2.4GHz
500MHz
800MHz
1.8GHz
2.0GHz
2.4GHz
1.0
1.0
1.0
1.0
1.0
39
48
77
82
95
MLG1608B1N0ST
□□□
1.2
1.1
1.2
1.2
1.2
28
35
57
60
68
MLG1608B1N2ST
□□□
1.5
1.5
1.5
1.5
1.5
37
48
78
81
93
MLG1608B1N5ST
□□□
1.8
1.8
1.8
1.8
1.8
38
48
77
81
95
MLG1608B1N8ST
□□□
2.2
2.1
2.2
2.2
2.2
44
54
88
91
107
MLG1608B2N2ST
□□□
2.6
2.6
2.7
2.7
2.8
40
51
79
81
94
MLG1608B2N7ST
□□□
3.2
3.2
3.3
3.3
3.4
38
48
76
79
91
MLG1608B3N3ST
□□□
3.8
3.8
4.0
4.0
4.1
40
50
79
81
93
MLG1608B3N9ST
□□□
4.6
4.6
4.9
5.0
5.2
41
51
76
79
88
MLG1608B4N7ST
□□□
5.4
5.5
5.8
5.9
6.2
37
46
69
71
79
MLG1608B5N6DT
□□□
6.6
6.7
7.3
7.5
8.0
38
47
67
68
74
MLG1608B6N8DT
□□□
8.0
8.1
8.9
9.3
10
39
48
67
68
71
MLG1608B8N2DT
□□□
9.8
10.0
11.5
12.1
13.6
38
47
63
63
61
MLG1608B10NJT
□□□
11.8
12.1
14.8
16.0
19.3
39
48
59
57
51
MLG1608B12NJT
□□□
14.8
15.4
20.6
23.4
38
46
49
46
MLG1608B15NJT
□□□
17.8
18.5
25.5
29.3
36
44
47
42
MLG1608B18NJT
□□□
21.9
22.9
33.6
40.2
36
44
43
38
MLG1608B22NJT
□□□
27.1
28.8
50.6
37
43
34
MLG1608B27NJT
□□□
33.4
36.0
37
43
MLG1608B33NJT
□□□
40.2
45.0
36
40
MLG1608B39NJT
□□□
49.1
56.0
38
41
MLG1608B47NJT
□□□
59.6
71.1
37
38
MLG1608B56NJT
□□□
74.0
92.8
34
33
MLG1608B68NJT
□□□
91.1
120.6
33
31
MLG1608B82NJT
□□□
118
35
MLG1608BR10JT
□□□
188
23
MLG1608SR12JT
□□□
MLG1608SR15JT
□□□
MLG1608SR18JT
□□□
MLG1608SR22JT
□□□
MLG1608SR27JT
□□□
MLG1608SR33JT
□□□
MLG1608SR39JT
□□□
MLG1608SR47JT
□□□
MLG1608SR56JT
□□□
MLG1608SR68JT
□□□
MLG1608SR82JT
□□□
MLG1608S1R0JT
□□□
Product No.
Manufacturer
4291B +16193A
Agilent Technologies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com