Electronic Components Datasheet Search
  English  ▼

X  

MLG1005S Datasheet(PDF) 13 Page - TDK Electronics

Part # MLG1005S
Description  Inductors for High Frequency Multilayer Ceramic
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MLG1005S Datasheet(HTML) 13 Page - TDK Electronics

Back Button MLG1005S Datasheet HTML 9Page - TDK Electronics MLG1005S Datasheet HTML 10Page - TDK Electronics MLG1005S Datasheet HTML 11Page - TDK Electronics MLG1005S Datasheet HTML 12Page - TDK Electronics MLG1005S Datasheet HTML 13Page - TDK Electronics MLG1005S Datasheet HTML 14Page - TDK Electronics MLG1005S Datasheet HTML 15Page - TDK Electronics MLG1005S Datasheet HTML 16Page - TDK Electronics MLG1005S Datasheet HTML 17Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
(12/23)
INDUC
T
O
RS
001-01 / 20130531 / e521_mlg.fm
• All specifications are subject to change without notice.
MLGseries 
MLG1005S Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
 The " △ " of the Part Number contains the inductance tolerance code, B(±0.1nH), C(±0.2nH), S(±0.3nH), H(±3%) or J(±5%).
Please contact us for information on inductance tolerance, G (±2%).
* The "
□□□ " of the Part Number contains the internal code.
○ Measurement equipment
* Equivalent measurement equipment may be used.
L
Q
min.
L, Q measuring
frequency
(MHz)
Self-resonant
frequency
(GHz)
DC resistance
(
 )
Rated current
(mA)
max.
Part No.*
(nH)
Tolerance
min.
typ.
max.
typ.
0.3
±0.1nH, ±0.2nH
—
100
10.0
20up
0.10
0.01
1000
MLG1005S0N3
△T□□□
0.4
±0.1nH, ±0.2nH
—
100
10.0
20up
0.10
0.01
1000
MLG1005S0N4
△T□□□
0.5
±0.1nH, ±0.2nH
—
100
10.0
20up
0.10
0.01
1000
MLG1005S0N5
△T□□□
0.6
±0.1nH, ±0.2nH
—
100
10.0
20up
0.10
0.01
1000
MLG1005S0N6
△T□□□
0.7
±0.1nH, ±0.2nH
—
100
10.0
18.7
0.10
0.02
1000
MLG1005S0N7
△T□□□
0.8
±0.1nH, ±0.2nH
—
100
10.0
16.4
0.10
0.02
1000
MLG1005S0N8
△T□□□
0.9
±0.1nH, ±0.2nH
—
100
10.0
17.7
0.10
0.04
1000
MLG1005S0N9
△T□□□
1.0
±0.1nH, ±0.2, 0.3nH
7
100
10.0
13.8
0.10
0.04
1000
MLG1005S1N0
△T□□□
1.1
±0.1nH, ±0.2, 0.3nH
7
100
10.0
19.3
0.10
0.03
1000
MLG1005S1N1
△T□□□
1.2
±0.1nH, ±0.2, 0.3nH
7
100
10.0
11.6
0.10
0.04
1000
MLG1005S1N2
△T□□□
1.3
±0.1nH, ±0.2, 0.3nH
7
100
8.00
11.7
0.10
0.04
1000
MLG1005S1N3
△T□□□
1.5
±0.1nH, ±0.2, 0.3nH
7
100
8.00
9.6
0.10
0.06
1000
MLG1005S1N5
△T□□□
1.6
±0.1nH, ±0.2, 0.3nH
7
100
7.50
9.4
0.12
0.05
1000
MLG1005S1N6
△T□□□
1.8
±0.1nH, ±0.2, 0.3nH
7
100
8.00
10.3
0.15
0.06
900
MLG1005S1N8
△T□□□
2.0
±0.1nH, ±0.2, 0.3nH
7
100
7.50
9.3
0.15
0.07
900
MLG1005S2N0
△T□□□
2.2
±0.1nH, ±0.2, 0.3nH
7
100
7.00
8.6
0.15
0.08
900
MLG1005S2N2
△T□□□
2.4
±0.1nH, ±0.2, 0.3nH
7
100
7.00
8.2
0.15
0.08
800
MLG1005S2N4
△T□□□
2.7
±0.1nH, ±0.2, 0.3nH
7
100
6.00
7.3
0.15
0.08
800
MLG1005S2N7
△T□□□
3.0
±0.1nH, ±0.2, 0.3nH
7
100
5.50
6.8
0.20
0.09
800
MLG1005S3N0
△T□□□
3.3
±0.1nH, ±0.2, 0.3nH
8
100
5.00
6.1
0.20
0.09
800
MLG1005S3N3
△T□□□
3.6
±0.1nH, ±0.2, 0.3nH
8
100
5.00
6.7
0.20
0.09
700
MLG1005S3N6
△T□□□
3.9
±0.1nH, ±0.2, 0.3nH
8
100
5.00
6.5
0.20
0.11
700
MLG1005S3N9
△T□□□
4.3
±0.2nH, ±0.3nH
8
100
4.50
6.0
0.20
0.11
700
MLG1005S4N3
△T□□□
4.7
±0.2nH, ±0.3nH
8
100
4.50
5.4
0.25
0.12
700
MLG1005S4N7
△T□□□
5.1
±0.2nH, ±0.3nH
8
100
4.00
5.0
0.25
0.13
600
MLG1005S5N1
△T□□□
5.6
±0.2nH, ±0.3nH
8
100
4.00
5.3
0.25
0.14
600
MLG1005S5N6
△T□□□
6.2
±3%, ±0.3nH
8
100
4.00
4.7
0.25
0.16
600
MLG1005S6N2
△T□□□
6.8
±3%, ±5%
8
100
3.50
4.4
0.25
0.15
600
MLG1005S6N8
△T□□□
7.5
±3%, ±5%
8
100
3.00
4.1
0.25
0.15
500
MLG1005S7N5
△T□□□
8.2
±3%, ±5%
8
100
3.00
4.0
0.30
0.19
500
MLG1005S8N2
△T□□□
9.1
±3%, ±5%
8
100
3.00
3.8
0.30
0.20
500
MLG1005S9N1
△T□□□
10
±3%, ±5%
8
100
2.50
3.4
0.35
0.22
500
MLG1005S10N
△T□□□
11
±3%, ±5%
8
100
2.50
3.5
0.40
0.28
400
MLG1005S11N
△T□□□
12
±3%, ±5%
8
100
2.50
3.0
0.40
0.25
400
MLG1005S12N
△T□□□
13
±3%, ±5%
8
100
2.40
2.9
0.50
0.26
400
MLG1005S13N
△T□□□
15
±3%, ±5%
8
100
2.20
2.8
0.55
0.35
400
MLG1005S15N
△T□□□
16
±3%, ±5%
8
100
2.10
2.7
0.55
0.32
400
MLG1005S16N
△T□□□
18
±3%, ±5%
8
100
2.00
2.5
0.60
0.40
350
MLG1005S18N
△T□□□
20
±3%, ±5%
8
100
1.90
2.4
0.60
0.38
350
MLG1005S20N
△T□□□
22
±3%, ±5%
8
100
1.70
2.2
0.70
0.46
350
MLG1005S22N
△T□□□
24
±3%, ±5%
8
100
1.70
2.1
0.70
0.43
350
MLG1005S24N
△T□□□
27
±3%, ±5%
8
100
1.60
2.0
0.80
0.53
300
MLG1005S27N
△T□□□
30
±3%, ±5%
8
100
1.50
1.9
0.80
0.50
300
MLG1005S30N
△T□□□
Measurement item
Product No.
Manufacturer
L, Q
4291B +16193A
Agilent Technologies
Self-resonant frequency
8720C
Agilent Technologies
DC resistance
Type-7561
Yokogawa



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com