Electronic Components Datasheet Search
  English  ▼

X  

EXC28B Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EXC28B
Description  Chip Bead Array
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EXC28B Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EXC28B Datasheet HTML 1Page - Panasonic Semiconductor EXC28B Datasheet HTML 2Page - Panasonic Semiconductor EXC28B Datasheet HTML 3Page - Panasonic Semiconductor EXC28B Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Chip Bead Array
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
1
2
3
4
5
6
7
8
9
10
11
12
Noise Filter
High Speed Signal Type
B
Chip size 1005 mm
x4 Array
Multilayer
Chip bead
The first two digits are
significant figure of
impedance value and the
third one denotes the
number of zeros following
Packing
Embossed Carrier Taping
Code
U
Product Code
Type Characteristics
Size
Nominal Impedance
Form
Suffix
B
Ringing Suppression Type
A
Ferrite Core
Inner Conductor
Electrode
E
F
A
B
D
C
■ Features
● Space saving
● SSOP package (0.5 mm pitch) compatibility
● Small size and lightweight
● RoHS compliant
Type: EXC28BB
● Suitable for high speed signals (over 50 MHz)
● Excellent cross talk characteristics (100 MHz:<-25 dB)
Type: EXC28BA
● Reduces waveform ringing noise
● Excellent cross talk characteristics (100 MHz:<-30 dB)
■ Explanation of Part Numbers
■ Recommended Applications
● Small digital equipment such as PCs, printers, HDD,
DVD-ROMs, CD-ROMs, LCDs.
● Digital audio and video equipment such as DSC,
DVC, CD Players, DVD Players, MD Players.
● Electronic musical instruments, and other digital
equipment.
Chip Bead Array
Type:
EXC28B
■ Construction
■ Dimensions in mm (not to scale)
Type
(inch size)
Dimensions (mm)
Mass
(Weight)
[mg/pc.]
AB
C
D
E
F
EXC28B
(0804)
1.00±0.15 2.0±0.2
0.5±0.1 0.20±0.15 0.5±0.1 0.25±0.10
5.2
Nov. 2012
02
39


Similar Part No. - EXC28B

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EXC28BA121U PANASONIC-EXC28BA121U Datasheet
175Kb / 5P
Chip Bead Array
EXC28BA221U PANASONIC-EXC28BA221U Datasheet
175Kb / 5P
Chip Bead Array
EXC28BB121U PANASONIC-EXC28BB121U Datasheet
175Kb / 5P
Chip Bead Array
EXC28BB221U PANASONIC-EXC28BB221U Datasheet
175Kb / 5P
Chip Bead Array
More results

Similar Description - EXC28B

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACBA ABRACON-ACBA Datasheet
77Kb / 1P
SURFACE-MOUNT CHIP BEAD ARRAY
logo
Vishay Siliconix
ILAS-1206 VISHAY-ILAS-1206 Datasheet
118Kb / 3P
Chip Array Ferrite Bead
16-Jan-06
logo
KOA Speer Electronics, ...
FBA1J4AL KOA-FBA1J4AL Datasheet
111Kb / 8P
Multilayer Ferrite Chip Bead Array
logo
Panasonic Semiconductor
EXC28BA121U PANASONIC-EXC28BA121U Datasheet
175Kb / 5P
Chip Bead Array
logo
Bourns Electronic Solut...
MA3216_MDS BOURNS-MA3216_MDS Datasheet
65Kb / 1P
Chip Bead Array
logo
Taiyo Yuden (U.S.A.), I...
BK20104L680-T TAIYO-YUDEN-BK20104L680-T Datasheet
140Kb / 1P
Multilayer Chip Bead Array Inductors (BK array series)
BK32164S121-T TAIYO-YUDEN-BK32164S121-T Datasheet
140Kb / 1P
Multilayer Chip Bead Array Inductors (BK array series)
BK32164S241-T TAIYO-YUDEN-BK32164S241-T Datasheet
140Kb / 1P
Multilayer Chip Bead Array Inductors (BK array series)
logo
Abracon Corporation
ACBA-0805 ABRACON-ACBA-0805 Datasheet
1Mb / 3P
Multilayer Chip Bead Array
09.26.12
ACBA-1206 ABRACON-ACBA-1206 Datasheet
266Kb / 2P
MULTILAYER CHIP BEAD ARRAY
08.07.07
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com