Electronic Components Datasheet Search
  English  ▼

X  

EXC28B Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EXC28B
Description  Chip Bead Array
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EXC28B Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EXC28B Datasheet HTML 1Page - Panasonic Semiconductor EXC28B Datasheet HTML 2Page - Panasonic Semiconductor EXC28B Datasheet HTML 3Page - Panasonic Semiconductor EXC28B Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Chip Bead Array
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
400
350
300
250
200
150
100
50
0
1
10
100
1000
10000
Z
X
R
Frequency(MHz)
400
350
300
250
200
150
100
50
0
1
10
100
1000
10000
Frequency(MHz)
Z
X
R
400
350
300
250
200
150
100
50
0
1
10
100
1000
10000
Frequency(MHz)
Z
X
R
400
350
300
250
200
150
100
50
0
1
10
100
1000
10000
Frequency(MHz)
Z
X
R
■ Ratings
■ Impedance Characteristics (Reference Data) Measured by HP4291A
● EXC28BA121U (2010)
● EXC28BB121U (2010)
● EXC28BA221U (2010)
● EXC28BB221U (2010)
Type
Part Number
Impedance
Rated Current
(mA DC)
DC Resistance
(
Ω) max.
(
Ω) at 100MHz
tol.(%)
BA
EXC28BA121U
120
±25
100
0.5
EXC28BA221U
220
0.7
BB
EXC28BB121U
120
0.5
EXC28BB221U
220
0.7
Z
: Impedance
R : Resistance
X : Reactance
● Category Temperature Range –40 °C to +85 °C
Nov. 2012
02
40



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com