Electronic Components Datasheet Search
  English  ▼

X  

ISC6053AU1 Datasheet(PDF) 1 Page - Isahaya Electronics Corporation

Part # ISC6053AU1
Description  FOR GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION SILICON NPN EPITAXIAL TYPE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

ISC6053AU1 Datasheet(HTML) 1 Page - Isahaya Electronics Corporation

  ISC6053AU1 Datasheet HTML 1Page - Isahaya Electronics Corporation ISC6053AU1 Datasheet HTML 2Page - Isahaya Electronics Corporation ISC6053AU1 Datasheet HTML 3Page - Isahaya Electronics Corporation ISC6053AU1 Datasheet HTML 4Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRELIMINARY
※This datasheet is possibility of change.
Because this device is developing now.
ISC6053AU1
FOR GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION
SILICON NPN EPITAXIAL TYPE
ISAHAYA ELECTRONICS CORPORATION
DESCRIPTION
ISC6053AU1 is a silicon NPN epitaxial type transistor
Designed with high collector current, low V
CE(sat).
FEATURE
●High collector current
I
C(MAX)=650mA
●Low collector to emitter saturation voltage
V
CE(sat)<0.5Vmax
APPLICATION
For switching application, small type motor drive application.
MAXIMUM RATINGS(Ta=25℃)
Symbol
Parameter
Ratings
Unit
V
CEO
Collector to Emitter voltage
20
V
V
CBO
Collector to Base voltage
25
V
V
EBO
Emitter to Base voltage
4
V
I
C
Collector current
650
mA
P
C
Collector dissipation
150
mW
T
j
Junction temperature
150
℃
T
stg
Storage temperature
-55~150
℃
ELECTRICAL CHARACTERISTICS(Ta=25℃)
Symbol
Parameter
Test condition
Limits
Unit
Min
Typ
Max
V
(BR)CEO
C to E break down voltage
I
C=100uA, IB=0
20
-
-
V
V
(BR)CBO
C to B break down voltage
I
C=10uA, IE=0
25
-
-
V
V
(BR)EBO
E to B break down voltage
I
E=10uA, IC=0
4
-
-
V
I
CBO
Collector cut off current
V
CB=25V, IE=0
-
-
1
uA
I
EBO
Emitter cut off current
V
EB=2V, IC=0
-
-
1
uA
h
FE※
DC forward current gain
V
CE=4V,IC=100mA
150
-
800
-
V
CE(sat)
C to E saturation voltage
I
C=500mA, IB=25mA
-
0.3
0.5
V
f
T
Gain band width product
V
CE=6V,IE=-10mA,
-
290
-
MHz
*:It shows hFE classification in below table.
OUTLINE DRAWING
Unit:mm
TERMINAL CONNECTOR
①:BASE
②:EMITTER
③:COLLECTOR
JEITA:SC-75A
JEDEC: -
MARKING
B
・
G
Type Name
hFE ITEM
ITEM
E
F
G
hFE
150~300
250~500
400~800
0.35
0.8
0.35
1.5
①
②
③


Similar Part No. - ISC6053AU1

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
ISC6053AM1 ISAHAYA-ISC6053AM1 Datasheet
157Kb / 4P
FOR GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION SILICON NPN EPITAXIAL TYPE
More results

Similar Description - ISC6053AU1

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
2SA2166 ISAHAYA-2SA2166 Datasheet
148Kb / 4P
FOR GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION SILICON PNP EPITAXIAL TYPE
2SC6046 ISAHAYA-2SC6046 Datasheet
69Kb / 4P
GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION SILICON NPN EPITAXIAL TYPE
2SC3441 ISAHAYA-2SC3441_10 Datasheet
131Kb / 3P
FOR GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION SILICON NPN EPITAXIAL TYPE
2SC6046 ISAHAYA-2SC6046_10 Datasheet
114Kb / 4P
FOR GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION SILICON NPN EPITAXIAL TYPE
2SC6120 ISAHAYA-2SC6120_10 Datasheet
111Kb / 4P
FOR GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION SILICON NPN EPITAXIAL TYPE
INC1001AC1 ISAHAYA-INC1001AC1 Datasheet
115Kb / 2P
FOR GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION SILICON NPN EPITAXIAL TYPE
ISC3581AS1 ISAHAYA-ISC3581AS1 Datasheet
157Kb / 3P
FOR GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION SILICON NPN EPITAXIAL TYPE
ISC6046AU1 ISAHAYA-ISC6046AU1 Datasheet
132Kb / 4P
FOR GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION SILICON NPN EPITAXIAL TYPE
ISC6053AM1 ISAHAYA-ISC6053AM1 Datasheet
157Kb / 4P
FOR GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION SILICON NPN EPITAXIAL TYPE
RT3C77M ISAHAYA-RT3C77M Datasheet
129Kb / 2P
Composite Transistor For General Purpose High Current Drive Application Silicon NPN Epitaxial Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com