Electronic Components Datasheet Search
  English  ▼

X  

ISC6053AU1 Datasheet(PDF) 3 Page - Isahaya Electronics Corporation

Part # ISC6053AU1
Description  FOR GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION SILICON NPN EPITAXIAL TYPE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

ISC6053AU1 Datasheet(HTML) 3 Page - Isahaya Electronics Corporation

  ISC6053AU1 Datasheet HTML 1Page - Isahaya Electronics Corporation ISC6053AU1 Datasheet HTML 2Page - Isahaya Electronics Corporation ISC6053AU1 Datasheet HTML 3Page - Isahaya Electronics Corporation ISC6053AU1 Datasheet HTML 4Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PRELIMINARY
※This datasheet is possibility of change.
Because this device is developing now.
ISC6053AU1
FOR GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION
SILICON NPN EPITAXIAL TYPE
ISAHAYA ELECTRONICS CORPORATION
10
100
1000
1
10
100
1000
COLLECTOR CURRENT IC(mA)
COLLECTOR TO EMITTER SATURATION VOLTAGE VS.
COLLECTOR CURRENT
85℃
25℃
-40℃
IC/IB=20
0
100
200
300
400
500
-0.1
-1
-10
-100
EMITTER CURRENT IE(mA)
GAIN BAND WIDTH PRODUCT VS. EMITTER CURRENT
Ta=25℃
VCE=6V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com