Electronic Components Datasheet Search
  English  ▼

X  

MIC2103 Datasheet(PDF) 26 Page - Micrel Semiconductor

Part # MIC2103
Description  75V, Synchronous Buck Controllers featuring Adaptive On-Time Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2103 Datasheet(HTML) 26 Page - Micrel Semiconductor

Back Button MIC2103 Datasheet HTML 22Page - Micrel Semiconductor MIC2103 Datasheet HTML 23Page - Micrel Semiconductor MIC2103 Datasheet HTML 24Page - Micrel Semiconductor MIC2103 Datasheet HTML 25Page - Micrel Semiconductor MIC2103 Datasheet HTML 26Page - Micrel Semiconductor MIC2103 Datasheet HTML 27Page - Micrel Semiconductor MIC2103 Datasheet HTML 28Page - Micrel Semiconductor MIC2103 Datasheet HTML 29Page - Micrel Semiconductor MIC2103 Datasheet HTML 30Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
Micrel, Inc.
MIC2103/04
August 2012
26
M9999-080712-A
(pp)
L
C
FB(pp)
ΔI
ESR
R2
R1
R2
ΔV
OUT
(Eq. 28)
where ΔIL(pp) is the peak-to-peak value of the
inductor current ripple.
2. Inadequate ripple at the feedback voltage due to the
small ESR of the output capacitors.
The output voltage ripple is fed into the FB pin
through a feed-forward capacitor Cff in this situation,
as shown in Figure 8b. The typical Cff value is
between 1nF and 100nF. With the feed-forward
capacitor, the feedback voltage ripple is very close
to the output voltage ripple:
(pp)
L
FB(pp)
ΔI
ESR
ΔV
(Eq. 29)
3. Virtually no ripple at the FB pin voltage due to the
very-low ESR of the output capacitors:
Figure 8a. Enough Ripple at FB
Figure 8b. Inadequate Ripple at FB
Figure 8c. Invisible Ripple at FB
In this situation, the output voltage ripple is less than
20mV. Therefore, additional ripple is injected into the FB
pin from the switching node SW via a resistor Rinj and a
capacitor Cinj, as shown in Figure 8c. The injected ripple
is:
SW
div
IN
FB(pp)
f
1
D)
-
(1
D
K
V
ΔV
(Eq. 30)
R1//R2
R
R1//R2
K
inj
div
(Eq. 31)
where:
VIN = Power stage input voltage
D = Duty cycle
fSW = Switching frequency
τ = (R1//R2//Rinj)  Cff
In Equations 30 and 32, it is assumed that the time
constant associated with Cff must be much greater than
the switching period:
1
T
f
1
SW

(Eq. 32)
If the voltage divider resistors R1 and R2 are in the kΩ
range, then a Cff of 1nF to 100nF can easily satisfy the
large time constant requirements. Also, a 100nF
injection capacitor Cinj is used in order to be considered
as short for a wide range of the frequencies.
The process of sizing the ripple injection resistor and
capacitors is:
Step 1.
Select Cff to feed all output ripples into the
feedback pin and make sure the large time constant
assumption is satisfied. Typical choice of Cff is 1nF to
100nF if R1 and R2 are in kΩ range.
Step 2.
Select Rinj according to the expected feedback
voltage ripple using Equation 33:
D)
(1
D
f
V
ΔV
K
SW
IN
FB(pp)
div
(Eq. 33)
Then the value of Rinj is obtained as:
1)
K
1
(
(R1//R2)
R
div
inj
(Eq. 34)
Step 3.
Select Cinj as 100nF, which could be considered
as short for a wide range of the frequencies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com