Electronic Components Datasheet Search
  English  ▼

X  

MIC2103 Datasheet(PDF) 30 Page - Micrel Semiconductor

Part # MIC2103
Description  75V, Synchronous Buck Controllers featuring Adaptive On-Time Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2103 Datasheet(HTML) 30 Page - Micrel Semiconductor

Back Button MIC2103 Datasheet HTML 26Page - Micrel Semiconductor MIC2103 Datasheet HTML 27Page - Micrel Semiconductor MIC2103 Datasheet HTML 28Page - Micrel Semiconductor MIC2103 Datasheet HTML 29Page - Micrel Semiconductor MIC2103 Datasheet HTML 30Page - Micrel Semiconductor MIC2103 Datasheet HTML 31Page - Micrel Semiconductor MIC2103 Datasheet HTML 32Page - Micrel Semiconductor MIC2103 Datasheet HTML 33Page - Micrel Semiconductor MIC2103 Datasheet HTML 34Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
Micrel, Inc.
MIC2103/04
August 2012
30
M9999-080712-A
Bill of Materials (Continued)
Item
Part Number
Manufacturer
Description
Qty
Q1
SIR878DP
Vishay
(8)
MOSFET, N-CH, Power SO-8
1
Q3
SIR882DP
Vishay
MOSFET, N-CH, Power SO-8
1
Q2, Q4 (OPEN)
R1
CRCW060310K0FKEA
Vishay Dale
10kΩ Resistor, Size 0603, 1%
1
R2, R23
CRCW08051R21FKEA
Vishay Dale
1.21Ω Resistor, Size 0805, 5%
2
R3
CRCW060395K30FKEA
Vishay Dale
95.3kΩ Resistor, Size 0603, 1%
1
R4
CRCW060380K6FKEA
Vishay Dale
80.6kΩ Resistor, Size 0603, 1%
1
R5
CRCW060340K2FKEA
Vishay Dale
40.2kΩ Resistor, Size 0603, 1%
1
R6
CRCW060320K0FKEA
Vishay Dale
20kΩ Resistor, Size 0603, 1%
1
R7
CRCW060311K5FKEA
Vishay Dale
11.5kΩ Resistor, Size 0603, 1%
1
R8
CRCW06038K06FKEA
Vishay Dale
8.06kΩ Resistor, Size 0603, 1%
1
R9
CRCW06034K75FKEA
Vishay Dale
4.75kΩ Resistor, Size 0603, 1%
1
R10
CRCW06033K24FKEA
Vishay Dale
3.24kΩ Resistor, Size 0603, 1%
1
R11
CRCW06031K91FKEA
Vishay Dale
1.91kΩ Resistor, Size 0603, 1%
1
R12 (OPEN)
CRCW0603715R0FKEA
Vishay Dale
715Ω Resistor, Size 0603, 1%
R13 (OPEN)
CRCW0603348R0FKEA
Vishay Dale
348Ω Resistor, Size 0603, 1%
R14, R15
CRCW06030000FKEA
Vishay Dale
0Ω Resistor, Size 0603, 5%
2
R16
CRCW08052R0FKEA
Vishay Dale
2Ω Resistor, Size 0805, 5%
1
R17
CRCW06032K21FKEA
Vishay Dale
2.21kΩ Resistor, Size 0603, 1%
1
R18, R20
CRCW060349K9FKEA
Vishay Dale
49.9kΩ Resistor, Size 0603, 1%
2
R19, R22
CRCW0603100K0FKEA
Vishay Dale
100kΩ Resistor, Size 0603, 1%
2
R21
CRCW060349R9FKEA
Vishay Dale
49.9Ω Resistor, Size 0603, 1%
1
U1
MIC2103YML
MIC2104YML
Micrel. Inc.
(9)
75V Synchronous Buck DC-DC Controller
1
Notes:
8.
Vishay: www.vishay.com.
9.
Micrel, Inc.: www.micrel.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com