Electronic Components Datasheet Search
  English  ▼

X  

MIC2103YML Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC2103YML
Description  75V, Synchronous Buck Controllers featuring Adaptive On-Time Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2103YML Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC2103YML Datasheet HTML 7Page - Micrel Semiconductor MIC2103YML Datasheet HTML 8Page - Micrel Semiconductor MIC2103YML Datasheet HTML 9Page - Micrel Semiconductor MIC2103YML Datasheet HTML 10Page - Micrel Semiconductor MIC2103YML Datasheet HTML 11Page - Micrel Semiconductor MIC2103YML Datasheet HTML 12Page - Micrel Semiconductor MIC2103YML Datasheet HTML 13Page - Micrel Semiconductor MIC2103YML Datasheet HTML 14Page - Micrel Semiconductor MIC2103YML Datasheet HTML 15Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
Micrel, Inc.
MIC2103/04
August 2012
11
M9999-080712-A
Typical Characteristics (Continued)
VDD Voltage
vs. Temperature
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
VIN = 48V
IOUT = 0A
IDD = 40mA
IDD = 10mA
VDD UVLO Threshold
vs. Temperature
3.3
3.4
3.5
3.6
3.7
3.8
3.9
4.0
4.1
4.2
4.3
4.4
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
Rising
Falling
VIN =48V
IOUT = 0A
PG Threshold/VREF Ratio vs.
Temperature
0.31
0.41
0.51
0.61
0.71
0.81
0.91
1.01
1.11
1.21
-50
-25
0
25
50
75
100
125
TEMPERATURE (C)
EN Bias Current
vs. Temperature
0
20
40
60
80
100
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
VIN =48V
VEN = 0V
Enable Threshold
vs. Temperature
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
Falling
Rising
VIN = 48V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com