Electronic Components Datasheet Search
  English  ▼

X  

MIC2871 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC2871
Description  1.2A High-Brightness LED Flash Driver with Single-Wire Serial Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2871 Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC2871 Datasheet HTML 2Page - Micrel Semiconductor MIC2871 Datasheet HTML 3Page - Micrel Semiconductor MIC2871 Datasheet HTML 4Page - Micrel Semiconductor MIC2871 Datasheet HTML 5Page - Micrel Semiconductor MIC2871 Datasheet HTML 6Page - Micrel Semiconductor MIC2871 Datasheet HTML 7Page - Micrel Semiconductor MIC2871 Datasheet HTML 8Page - Micrel Semiconductor MIC2871 Datasheet HTML 9Page - Micrel Semiconductor MIC2871 Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Micrel, Inc.
MIC2871
May 29, 2013
6
052913-1.0 (while in progress)
Revision 1.0 (final document)
Typical Characteristics (Continued)
-1.4
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
3.5
3.7
3.9
4.1
4.3
INPUT VOLTAGE (V)
Torch Mode ILED(MAX)
Accuracy vs. Input Voltage
R
FRSET = 51kΩ
R
FRSET = 62kΩ
R
FRSET = 39kΩ
R
FRSET = 30kΩ
R
FRSET = 20kΩ
R
FRSET = 17kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com