Electronic Components Datasheet Search
  English  ▼

X  

MIC2871 Datasheet(PDF) 16 Page - Micrel Semiconductor

Part # MIC2871
Description  1.2A High-Brightness LED Flash Driver with Single-Wire Serial Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2871 Datasheet(HTML) 16 Page - Micrel Semiconductor

Back Button MIC2871 Datasheet HTML 12Page - Micrel Semiconductor MIC2871 Datasheet HTML 13Page - Micrel Semiconductor MIC2871 Datasheet HTML 14Page - Micrel Semiconductor MIC2871 Datasheet HTML 15Page - Micrel Semiconductor MIC2871 Datasheet HTML 16Page - Micrel Semiconductor MIC2871 Datasheet HTML 17Page - Micrel Semiconductor MIC2871 Datasheet HTML 18Page - Micrel Semiconductor MIC2871 Datasheet HTML 19Page - Micrel Semiconductor MIC2871 Datasheet HTML 20Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Micrel, Inc.
MIC2871
May 29, 2013
16
052913-1.0 (while in progress)
Revision 1.0 (final document)
Safety Timer Threshold Current Register
(ST_TH: default 4)
Safety timer threshold current determines the amount of
LED current flowing through the external LED before the
internal LED safety timer is activated. Setting ST_TH to 0
disables the safety timer function, and setting the register
to values 1 to 5 set the safety time threshold current
100mA to 300mA in 50mA steps.
Table 7. Safety Timer Threshold Current Register Setting
and Safety Timer Threshold Current
Value
ST_TH[2:0]
Safety Timer Threshold
Current (mA)
Dec.
Binary
0
000
000
Disabled
1
001
001
100mA
2
010
010
150mA
3
011
011
200mA
4
100
100
250mA
5
101
101
300mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com