Electronic Components Datasheet Search
  English  ▼

X  

MIC5166YML Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC5166YML
Description  3A High-Speed Low VIN DDR Terminator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5166YML Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC5166YML Datasheet HTML 2Page - Micrel Semiconductor MIC5166YML Datasheet HTML 3Page - Micrel Semiconductor MIC5166YML Datasheet HTML 4Page - Micrel Semiconductor MIC5166YML Datasheet HTML 5Page - Micrel Semiconductor MIC5166YML Datasheet HTML 6Page - Micrel Semiconductor MIC5166YML Datasheet HTML 7Page - Micrel Semiconductor MIC5166YML Datasheet HTML 8Page - Micrel Semiconductor MIC5166YML Datasheet HTML 9Page - Micrel Semiconductor MIC5166YML Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Micrel, Inc.
MIC5166
June 2012
6
M9999-060612-A
Typical Characteristics (Continued)
Top MOSFET On-Resistance
vs. Input Voltage
100
110
120
130
140
150
0.7
1.0
1.3
1.6
1.9
2.2
2.5
2.8
INPUT VOLTAGE (V)
VIN = 1.5V
VDDQ = 1.2V
VBIAS = 5V
VSNS = OPEN
ISINK = 3A
VEN = VBIAS
Bottom MOSFET On-Resistance
vs. Input Voltage
100
110
120
130
140
150
0.7
1.0
1.3
1.6
1.9
2.2
2.5
2.8
INPUT VOLTAGE (V)
VIN = 1.5V
VDDQ = 1.2V
VBIAS = 5V
VTT = 0.6V
ISINK = -3A
VEN = VBIAS
Current Limit
vs. Input Voltage
-5.0
-4.0
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
4.0
5.0
1.2
1.6
2.0
2.4
2.8
3.2
3.6
INPUT VOLTAGE (V)
VDDQ = 1.2V
VBIAS = 5.0V
VTT = 0.6V
VEN = VBIAS
SINKING
SOURCING
Load Regulation
vs. Input Voltage
-2.0%
-1.0%
0.0%
1.0%
2.0%
0.9
1.2 1.5
1.8 2.1
2.4 2.7
3.0 3.3
3.6
INPUT VOLTAGE (V)
VDDQ = 1.2V
VBIAS = 5.0V
VTT = 0.6V
IOUT = 0A to 3A
VEN = VBIAS
SINKING
SOURCING
VREF-VTT vs. I_Load
-0.0150
-0.0100
-0.0050
0.0000
0.0050
0.0100
0.0150
-3.00
-2.00
-1.00
0.00
1.00
2.00
3.00
I_LOAD (A)
VBIAS = 5V
VIN = 1.5V
VDDQ=1.2V
VTT = 0.6V
VEN = VBIAS
VTT vs. I_Load
0.5850
0.5900
0.5950
0.6000
0.6050
0.6100
-3.00
-2.00
-1.00
0.00
1.00
2.00
3.00
I_LOAD (A)
VBIAS = 5V
VIN = 1.5V
VDDQ=1.2V
VTT = 0.6V
VEN = VBIAS
VREF/VDDQ vs. I_Load
0.4900
0.4950
0.5000
0.5050
0.5100
-3.00
-2.00
-1.00
0.00
1.00
2.00
3.00
I_LOAD (A)
VBIAS = 5V
VIN = 1.5V
VDDQ=1.2V
VTT = 0.6V
VEN = VBIAS
VTT/VDDQ vs. I_Load
0.4900
0.4950
0.5000
0.5050
0.5100
-3.00
-2.00
-1.00
0.00
1.00
2.00
3.00
I_LOAD (A)
VBIAS = 5V
VIN = 1.5V
VDDQ=1.2V
VIN = 0.6V
VEN = VBIAS
VIN Operating Supply Current
vs. Temperature
0.0
0.1
0.2
0.3
0.4
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
VIN = 1.5V
VBIAS = 5V
VDDQ = 1.2V
VTT = 0.6V
IOUT = 0A
VEN = VBIAS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com