Electronic Components Datasheet Search
  English  ▼

X  

MIC5166YML Datasheet(PDF) 20 Page - Micrel Semiconductor

Part # MIC5166YML
Description  3A High-Speed Low VIN DDR Terminator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5166YML Datasheet(HTML) 20 Page - Micrel Semiconductor

Back Button MIC5166YML Datasheet HTML 16Page - Micrel Semiconductor MIC5166YML Datasheet HTML 17Page - Micrel Semiconductor MIC5166YML Datasheet HTML 18Page - Micrel Semiconductor MIC5166YML Datasheet HTML 19Page - Micrel Semiconductor MIC5166YML Datasheet HTML 20Page - Micrel Semiconductor MIC5166YML Datasheet HTML 21Page - Micrel Semiconductor MIC5166YML Datasheet HTML 22Page - Micrel Semiconductor MIC5166YML Datasheet HTML 23Page - Micrel Semiconductor MIC5166YML Datasheet HTML 24Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
Micrel, Inc.
MIC5166
June 2012
20
M9999-060612-A
Bill of Materials (Continued)
Item
Part Number
Manufacturer
Description
Qty.
C5
N.U. 0603 ceramic capacitor
1
06035C104KAT2A
AVX
(3)
C1608X7R1H104K
TDK
(2)
C22
GRM188R71H104KA93D
Murata
(1)
0.1µF, 50V, ceramic capacitor, X7R, 0603
1
C13
EEU-FC1A471
Panasonic
(4)
470µF/10V, Elect., 20%, 8x11.5, Radial
1
L1
FP3-1R0-R
Cooper
(5)
1µH,6.26A Inductor
1
Q3, Q4
NDS8425
Fairchild
(7)
MOSFET, N-CH 20V 7.4A 8-SOIC
2
R1A
CRCW0603300RFKEA
Vishay Dale
(6)
300Ω, resistor, 1%, 0603
R1B
CRCW06031101FKEA
Vishay Dale
(6)
510Ω, resistor, 1%, 0603
R1C
CRCW0603806RFKEA
Vishay Dale
(6)
806Ω, resistor, 1%, 0603
R1D
CRCW06031K10FKEA
Vishay Dale
(6)
1.1K, resistor, 1%, 0603
1
R2
CRCW0603698RFKEA
Vishay Dale
(6)
698Ω, resistor, 1%, 0603
1
R3
CRCW06032002FKEA
Vishay Dale
(6)
20K, resistor, 1%, 0603
1
R4
CRCW06034752FKEA
Vishay Dale
(6)
47.5K, resistor, 1%, 0603
1
R6, R8, R11,
R17, R21
CRCW06032R20RFKEA
Vishay Dale
(6)
2.2Ω, resistor, 1%, 0603
5
R7
CRCW060349R9RFKEA
Vishay Dale
(6)
49.9Ω, resistor, 1%, 0603
1
R9
CRCW06031002FKEA
Vishay Dale
(6)
10K, resistor, 1%, 0603
1
R10, R19
CRCW06031K00FKEA
Vishay Dale
(6)
1K, resistor, 1%, 0603
2
R12
CRCW0603000RFKEA
Vishay Dale
(6)
0Ω, resistor, 1%, 0603
1
R13, R14, R24
CRCW25121R00FKEGHP
Vishay Dale
(6)
1Ω, resistor, 1.5W, 1%, 2512
3
R15
CRCW25122R00JNEG
Vishay Dale
(6)
2Ω, resistor, 1.5W, 1%, 2512
1
R16, R18, R20
CRCW06031003FKEA
Vishay Dale
(6)
100K, resistor, 1%, 0603
3
R22, R23
LR2512-R50FW
Vishay Dale
(6)
0.5Ω, resistor, 1.5W, 1%, 2512
2
RV1
PV36W103C01B00
Murata
(1)
Pot, 10KΩ, 0.5W, 9.6x5xx10
1
U1
MIC22405YML
Micrel
(9)
4A, Synchronous Buck Regulator
1
U2
MIC5166YMM
Micrel
(9)
3A High-Speed Low VIN DDR Terminator
1
U3
SN74AHCT00RGYR
TI
(8)
Quad, 2IN Pos-NAND Gate, 14-pin, QFN
1
U4
MIC1557YM5
Micrel
(9)
5MHz RC Timer Oscillator
1
U5
MIC4425
Micrel
(9)
3A Dual Inverting and Non-Inverting MOSFET Driver
1
Notes:
1. Murata Tel: www.murata.com.
2. TDK: www.tdk.com.
3. AVX: www.avx.com.
4. Panasonic: www.panasonic.com.
5. Cooper: www.cooper.com
6. Vishay Dale: www.vishay.com.
7. Fairchild: www.fairchildsemi.com.
8. TI: www.ti.com
9. Micrel, Inc.: www.micrel.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com