Electronic Components Datasheet Search
  English  ▼

X  

MIC5317 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC5317
Description  High-Performance Single 150mA LDO
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5317 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC5317 Datasheet HTML 1Page - Micrel Semiconductor MIC5317 Datasheet HTML 2Page - Micrel Semiconductor MIC5317 Datasheet HTML 3Page - Micrel Semiconductor MIC5317 Datasheet HTML 4Page - Micrel Semiconductor MIC5317 Datasheet HTML 5Page - Micrel Semiconductor MIC5317 Datasheet HTML 6Page - Micrel Semiconductor MIC5317 Datasheet HTML 7Page - Micrel Semiconductor MIC5317 Datasheet HTML 8Page - Micrel Semiconductor MIC5317 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Micrel, Inc.
MIC5317
August 23, 2013
3
Revision 1.0
Pin Configuration
4-Pin 1mm × 1mm Thin DFN (MT)
(Top View)
5-Pin SOT23 (D5) / TSOT23 (M5)
(Top View)
Pin Description
Pin
Number
Pin Name
TDFN-4
Pin Name
SOT23-5
Pin Name
TSOT23-5
Pin Function
1
VOUT
–
–
Output Voltage.
1
–
VIN
VIN
Supply Input.
2
GND
GND
GND
Ground.
3
EN
EN
EN
Enable Input: Active High. High = ON; Low = OFF. Do not leave
floating.
4
VIN
–
–
Supply Input.
4
–
NC
NC
No connect. Not internally connected.
5
–
VOUT
VOUT
Output Voltage.
EP
ePad
NA
NA
Exposed Heatsink Pad, connect to Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com