Electronic Components Datasheet Search
  English  ▼

X  

MIC5317 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC5317
Description  High-Performance Single 150mA LDO
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5317 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC5317 Datasheet HTML 1Page - Micrel Semiconductor MIC5317 Datasheet HTML 2Page - Micrel Semiconductor MIC5317 Datasheet HTML 3Page - Micrel Semiconductor MIC5317 Datasheet HTML 4Page - Micrel Semiconductor MIC5317 Datasheet HTML 5Page - Micrel Semiconductor MIC5317 Datasheet HTML 6Page - Micrel Semiconductor MIC5317 Datasheet HTML 7Page - Micrel Semiconductor MIC5317 Datasheet HTML 8Page - Micrel Semiconductor MIC5317 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Micrel, Inc.
MIC5317
August 23, 2013
4
Revision 1.0
Absolute Maximum Ratings
(4)
Supply Voltage (VIN) ............................................... 0V to 7V
Enable Voltage (VEN).............................................. 0V to VIN
Power Dissipation (PD) ........................... Internally Limited
(6)
Lead Temperature (soldering, 10sec) ........................ 260°C
Junction Temperature (TJ) ........................–40°C to +150°C
Storage Temperature (Ts) .........................–65°C to +150°C
ESD Rating
(7).................................................................. 2kV
Operating Ratings
(5)
Supply Voltage (VIN)............................................ 2.5V to 6V
Enable Voltage (VEN).............................................. 0V to VIN
Junction Temperature (TJ) ........................ –40°C to +125°C
Junction Thermal Resistance
1mm × 1mm Thin DFN-4 (
θ
JA) ......................... 240°C/W
SOT23-5 (
θ
JA) .................................................. 253°C/W
TSOT23-5 (
θ
JA) ................................................ 253°C/W
Electrical Characteristics
(8)
VIN = VEN = VOUT + 1V; CIN = COUT = 1µF; IOUT = 100µA; TJ = 25°C, bold values indicate –40°C to +125°C, unless noted.
Parameter
Condition
Min
Typ
Max
Units
Output Voltage Accuracy
Variation from nominal VOUT
–2.0
+2.0
%
Variation from nominal VOUT; –40°C to +125°C
–3.0
+3.0
Line Regulation
VIN = VOUT +1V to 6V; IOUT = 100µA
0.02
0.3
%
Load Regulation
(9)
IOUT = 100µA to 150mA
10
25
mV
Dropout Voltage
(10)
IOUT = 50mA; VOUT
≥ 2.8V
IOUT = 150mA; VOUT
≥ 2.8V
IOUT = 50mA; VOUT < 2.8V
IOUT = 150mA; VOUT < 2.8V
55
155
60
180
110
310
135
380
mV
Ground Pin Current
(11)
IOUT = 0mA
29
39
µA
Ground Pin Current in
Shutdown
VEN = 0V
0.05
1
µA
Ripple Rejection
f = up to 1kHz; COUT = 1µF
f = 1kHz – 10kHz; COUT = 1µF
80
65
dB
Current Limit
VOUT = 0V
200
325
550
mA
Output Voltage Noise
COUT = 1µF, 10Hz to 100kHz
200
µVRMS
Enable Input
Enable Input Voltage
Logic Low
0.2
V
Logic High
1.2
Enable Input Current
VIL
≤ 0.2V
0.01
1
µA
VIH
≥ 1.2V
0.01
1
Turn-on Time
COUT = 1µF; IOUT = 150mA
50
125
µs
Notes:
4.
Exceeding the absolute maximum ratings may damage the device.
5.
The device is not guaranteed to function outside its operating ratings.
6.
The maximum allowable power dissipation of any TA (ambient temperature) is PD(max) = (TJ(max) –
TA) / θJA. Exceeding the maximum allowable
power dissipation will result in excessive die temperature, and the regulator will go into thermal shutdown.
7.
Devices are ESD sensitive. Handling precautions are recommended. Human body model, 1.5k
Ω in series with 100pF.
8.
Specification for packaged product only.
9.
Regulation is measured at constant junction temperature using low duty cycle pulse testing, changes in output voltage due to heating effects are
covered by the thermal regulation specification
10. Dropout voltage is defined as the input-to-output differential at which the output voltage drops 2% below its nominal value measured at 1V
differential. For outputs below 2.5V, dropout voltage is the input-to-output differential with the minimum input voltage 2.5V.
11. Ground pin current is the regulator quiescent current. The total current drawn from the supply is the sum of the load current plus the ground pin
current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com