Electronic Components Datasheet Search
  English  ▼

X  

112 Datasheet(PDF) 4 Page - Honeywell Solid State Electronics Center

Part # 112
Description  Temperature Sensors Line Guide
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

112 Datasheet(HTML) 4 Page - Honeywell Solid State Electronics Center

  112 Datasheet HTML 1Page - Honeywell Solid State Electronics Center 112 Datasheet HTML 2Page - Honeywell Solid State Electronics Center 112 Datasheet HTML 3Page - Honeywell Solid State Electronics Center 112 Datasheet HTML 4Page - Honeywell Solid State Electronics Center 112 Datasheet HTML 5Page - Honeywell Solid State Electronics Center 112 Datasheet HTML 6Page - Honeywell Solid State Electronics Center 112 Datasheet HTML 7Page - Honeywell Solid State Electronics Center 112 Datasheet HTML 8Page - Honeywell Solid State Electronics Center 112 Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
www.honeywell.com/sensing
Temperature Sensors Line guide
HRTS Series
Td Series
Sensor type
100 Ohm, 1000 Ohm platinum RTD
2000 Ohm silicon resistive element
Temperature coeffiecient
0.00385 Ohm/Ohm/°C, 0.00375 Ohm/Ohm/°C
N/A
Temperature sensing range
-70 °C to 260 °C [-94 °F to 500 °F]
-40 °C to 150 °C [-40 °F to 302 °F]
Packaging type
ceramic case
plastic or threaded aluminum case
Termination
leadwires
SIP or leadwires
Base resistance and
interchangeability
100 Ohm ±1; 0.6 Ohm at 0 °C,
100 Ohm ±1; 1.2 Ohm at 0 °C,
1000 Ohm ±1; 0.6 Ohm at 0 °C,
1000 Ohm ±1; 1.2 Ohm at 0 °C
R2000 Ohm ±5 Ohm at 20 °C
Self-heating
<0,3 mW/°C typ.
N/A
discrete and
Packaged RTd
Sensors
HEL-777/776 Series
700 Series
Sensor type
100 Ohm, 1000 Ohm platinum RTD
100 Ohm, 1000 Ohm platinum RTD
Temperature coeffiecient
0.00385 Ohm/Ohm/°C, 0.00375 Ohm/Ohm/°C
0.00385 Ohm/Ohm/°C, 0.00375 Ohm/Ohm/°C
Temperature sensing range
-55 °C to 150 °C [-67 °F to 302 °F]
-70 °C to 500 °C [-94 °F to 932 °F]
lead version: -50 °C to 130 °C [-58 °F to 266 °F]
Packaging type
molded plastic
radial chip or surface mount axial flip chip
Termination
SIP
leadwires or solderpads
Base resistance and
interchangeability
100 Ohm ±1; 0.6 Ohm at 0 °C,
100 Ohm ±1; 1.2 Ohm at 0 °C,
1000 Ohm ±1; 0.6 Ohm at 0 °C,
1000 Ohm ±1; 1.2 Ohm at 0 °C
100 Ohm ±1; 0.6 Ohm at 0 °C,
100 Ohm ±1; 1.2 Ohm at 0 °C,
1000 Ohm ±1; 0.6 Ohm at 0 °C,
1000 Ohm ±1; 1.2 Ohm at 0 °C
Self-heating
<15 mW/°C typ.
0,4k /mW, 0.6k /mW or 0.8k/mW at 0 °C [32 °F]
discrete RTd
Sensors



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com