Electronic Components Datasheet Search
  English  ▼

X  

112 Datasheet(PDF) 6 Page - Honeywell Solid State Electronics Center

Part # 112
Description  Temperature Sensors Line Guide
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

112 Datasheet(HTML) 6 Page - Honeywell Solid State Electronics Center

Back Button 112 Datasheet HTML 2Page - Honeywell Solid State Electronics Center 112 Datasheet HTML 3Page - Honeywell Solid State Electronics Center 112 Datasheet HTML 4Page - Honeywell Solid State Electronics Center 112 Datasheet HTML 5Page - Honeywell Solid State Electronics Center 112 Datasheet HTML 6Page - Honeywell Solid State Electronics Center 112 Datasheet HTML 7Page - Honeywell Solid State Electronics Center 112 Datasheet HTML 8Page - Honeywell Solid State Electronics Center 112 Datasheet HTML 9Page - Honeywell Solid State Electronics Center 112 Datasheet HTML 10Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
www.honeywell.com/sensing
Temperature Sensors Line guide
135 Series
140 / 142 Series
143 Series
Description
glass encapsulated chip, DO-35 type
disc
disc
Operating temperature range
-60 °C to 300 °C [-76 °F to 572 °F]
-60 °C to 150 °C [-76 °F to 302 °F]
-60 °C to 150 °C [-76 °F to 302 °F]
Dissipation constant in still air
2,5 mW/°C
3,0 mW/°C / 4,0 mW/°C
5 to 7 mW/°C
Time constant in air
4.0 s
10.0 s
16.0 s
Nominal resistance
at [25 °F to 77 °F]
1,000 Ohm; 2,000 Ohm; 5,000 Ohm;
10,000 Ohm; 20,000 Ohm; 25,000 Ohm;
30,000 Ohm; 47,000 Ohm; 50,000 Ohm;
100,000 Ohm; 200,000 Ohm; 230,000
Ohm; 500,000 Ohm; 1,000,000 Ohm;
5,000,000 Ohm
500 Ohm; 1,000 Ohm; 3,000 Ohm; 5,000
Ohm; 8,000 Ohm; 10,000 Ohm; 25,000
Ohm; 100,000 Ohm
100 Ohm; 200 Ohm; 1,000 Ohm; 3,000
Ohm; 5,000 Ohm; 30,000 Ohm
Maximum diameter
2,0 mm [0.080 in]
2,54 mm [0.10 in]
5,08 mm [0.20 in]
Termination material
tinned copper-clad steel
tinned copper
tinned copper
Lead length
28,6 mm [1.125 in]
38,1 mm [1.50 in]
38,1 mm [1.50 in]
discrete Thermistors
126 Series
128 Series
129 Series
Description
matched large glass bead
matched mini glass probe
matched large glass probe
Operating temperature range
-60 °C to 300 °C [-76 °F to 572 °F]
-60 °C to 300 °C [-76 °F to 572 °F]
-60 °C to 300 °C [-76 °F to 572 °F]
Dissipation constant in still air
0,8 mW/°C
2,1 mW/°C
3,0 mW/°C
Time constant in air
4.0 s
10.0 s
22.0 s
Nominal resistance
at [25 °F to 77 °F]
2,000 Ohm; 100,000 Ohm
2,000 Ohm; 15,000 Ohm
2,000 Ohm; 4,000 Ohm
Maximum diameter
2,54 mm [0.10 in]
3,05 mm [0.120 in]
5,08 mm [0.20 in]
Termination material
platinum iridium
dumet
dumet
Lead length
9,6 mm [0.375 in]
31,8 mm [1.25 in]
50,8 mm [2.00 in]
discrete Thermistors



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com