Electronic Components Datasheet Search
  English  ▼

X  

TAP685010 Datasheet(PDF) 3 Page - AVX Corporation

Part # TAP685010
Description  Sectiom 3: Introduction Foreword
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAP685010 Datasheet(HTML) 3 Page - AVX Corporation

  TAP685010 Datasheet HTML 1Page - AVX Corporation TAP685010 Datasheet HTML 2Page - AVX Corporation TAP685010 Datasheet HTML 3Page - AVX Corporation TAP685010 Datasheet HTML 4Page - AVX Corporation TAP685010 Datasheet HTML 5Page - AVX Corporation TAP685010 Datasheet HTML 6Page - AVX Corporation TAP685010 Datasheet HTML 7Page - AVX Corporation TAP685010 Datasheet HTML 8Page - AVX Corporation TAP685010 Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
MAY 2013
■ 115
H
D
Dipped Radial Capacitors
TAP Series
TAP is a professional grade device manufactured
with a flame retardant coating and featuring low
leakage current and impedance, very small
physical sizes and exceptional temperature
stability. It is designed and conditioned to
operate to +125°C (see page 151 for voltage
derating above 85°C) and is available loose or
taped and reeled for auto insertion. The 15 case
sizes with wide capacitance and working voltage
ranges means the TAP can accommodate
almost any application.
MAXIMUM CASE DIMENSIONS: millimeters (inches)
TAP
Type
475
Capacitance Code
pF code: 1st two digits
represent significant figures,
3rd digit represents multiplier
(number of zeros to follow)
M
Capacitance Tolerance
K = ±10%
M = ±20%
(For J = ±5% tolerance,
please consult factory)
035
Rated DC Voltage
SCS
Suffix indicating wire form
and packaging
(see page 114)
HOW TO ORDER
Wire
C, F, G, H
B, S, D
Case
H
*H1
D
A
8.50 (0.330)
7.00 (0.280)
4.50 (0.180)
B
9.00 (0.350)
7.50 (0.300)
4.50 (0.180)
C
10.0 (0.390)
8.50 (0.330)
5.00 (0.200)
D
10.5 (0.410)
9.00 (0.350)
5.00 (0.200)
E
10.5 (0.410)
9.00 (0.350)
5.50 (0.220)
F
11.5 (0.450)
10.0 (0.390)
6.00 (0.240)
G
11.5 (0.450)
10.0 (0.390)
6.50 (0.260)
H
12.0 (0.470)
10.5 (0.410)
7.00 (0.280)
J
13.0 (0.510)
11.5 (0.450)
8.00 (0.310)
K
14.0 (0.550)
12.5 (0.490)
8.50 (0.330)
L
14.0 (0.550)
12.5 (0.490)
9.00 (0.350)
M
14.5 (0.570)
13.0 (0.510)
9.00 (0.350)
N
16.0 (0.630)
9.00 (0.350)
P
17.0 (0.670)
10.0 (0.390)
R
18.5 (0.730)
10.0 (0.390)
SOLID TANTALUM RESIN DIPPED CAPACITORS
LEAD-FREE COMPATIBLE
COMPONENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com