Electronic Components Datasheet Search
  English  ▼

X  

TAP685010 Datasheet(PDF) 12 Page - AVX Corporation

Part # TAP685010
Description  Sectiom 3: Introduction Foreword
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAP685010 Datasheet(HTML) 12 Page - AVX Corporation

Back Button TAP685010 Datasheet HTML 8Page - AVX Corporation TAP685010 Datasheet HTML 9Page - AVX Corporation TAP685010 Datasheet HTML 10Page - AVX Corporation TAP685010 Datasheet HTML 11Page - AVX Corporation TAP685010 Datasheet HTML 12Page - AVX Corporation TAP685010 Datasheet HTML 13Page - AVX Corporation TAP685010 Datasheet HTML 14Page - AVX Corporation TAP685010 Datasheet HTML 15Page - AVX Corporation TAP685010 Datasheet HTML 16Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
154
■ MAY 2013
In an AC application heat is generated within the capacitor
by both the AC component of the signal (which will depend
upon signal form, amplitude and frequency), and by the
DC leakage. For practical purposes the second factor is
insignificant. The actual power dissipated in the capacitor is
calculated using the formula:
P = I
2 R =
E
2 R
Z
2
I = rms ripple current, amperes
R = equivalent series resistance, ohms
E = rms ripple voltage, volts
P = power dissipated, watts
Z = impedance, ohms, at frequency under
consideration
Using this formula it is possible to calculate the maximum
AC ripple current and voltage permissible for a particular
application.
2.2 MAXIMUM AC RIPPLE VOLTAGE
(EMAX)
From the previous equation:
E
(max) = Z
P max
R
where P
max is the maximum permissible ripple voltage as listed
for the product under consideration (see table).
However, care must be taken to ensure that:
1. The DC working voltage of the capacitor must not be
exceeded by the sum of the positive peak of the applied
AC voltage and the DC bias voltage.
2. The sum of the applied DC bias voltage and the negative
peak of the AC voltage must not allow a voltage reversal
in excess of that defined in the sector, ‘Reverse Voltage’.
2.3 MAXIMUM PERMISSIBLE POWER
DISSIPATION (WATTS) @ 25°C
The maximum power dissipation at 25°C has been calculated
for the various series and are shown in Section 2.4, together
with temperature derating factors up to 125°C.
For leaded components the values are calculated for parts
supported in air by their leads (free space dissipation).
The ripple ratings are set by defining the maximum tempera-
ture rise to be allowed under worst case conditions, i.e.,
with resistive losses at their maximum limit. This differential
is normally 10°C at room temperature dropping to 2°C at
125°C. In application circuit layout, thermal management,
available ventilation, and signal waveform may significantly
affect the values quoted below. It is recommended that
temperature measurements are made on devices during
operating conditions to ensure that the temperature differential
between the device and the ambient temperature is less than
10°C up to 85°C and less than 2°C between 85°C and 125°C.
Derating factors for temperatures above 25°C are also shown
below. The maximum permissible proven dissipation should be
multiplied by the appropriate derating factor.
For certain applications, e.g., power supply filtering, it may
be desirable to obtain a screened level of ESR to enable
higher ripple currents to be handled. Please contact our
applications desk for information.
2.4 POWER DISSIPATION RATINGS
(IN FREE AIR)
TAR – Molded Axial
SECTION 2:
AC OPERATION — RIPPLE VOLTAGE AND RIPPLE CURRENT
2.1 RIPPLE RATINGS (AC)
Case
Max. power
size
dissipation (W)
Q
0.065
R
0.075
S0.09
W
0.105
Temperature
derating factors
Temp. °C
Factor
+25
1.0
+85
0.6
+125
0.4
Case
Max. power
size
dissipation (W)
A0.09
B0.10
C
0.125
D0.18
Temperature
derating factors
Temp. °C
Factor
+20
1.0
+85
0.9
+125
0.4
TAA – Hermetically Sealed Axial
Case
Max. power
size
dissipation (W)
A
0.045
B0.05
C
0.055
D0.06
E
0.065
F
0.075
G0.08
H
0.085
J0.09
K0.1
L0.11
M/N
0.12
P0.13
R0.14
Temperature
derating factors
Temp. °C
Factor
+25
1.0
+85
0.4
+125
0.09
TAP/TEP – Resin Dipped Radial
TAP/TEP Technical Summary and
Application Guidelines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com