Electronic Components Datasheet Search
  English  ▼

X  

TAP685010 Datasheet(PDF) 5 Page - AVX Corporation

Part # TAP685010
Description  Section 3: Introduction Foreword
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAP685010 Datasheet(HTML) 5 Page - AVX Corporation

  TAP685010 Datasheet HTML 1Page - AVX Corporation TAP685010 Datasheet HTML 2Page - AVX Corporation TAP685010 Datasheet HTML 3Page - AVX Corporation TAP685010 Datasheet HTML 4Page - AVX Corporation TAP685010 Datasheet HTML 5Page - AVX Corporation TAP685010 Datasheet HTML 6Page - AVX Corporation TAP685010 Datasheet HTML 7Page - AVX Corporation TAP685010 Datasheet HTML 8Page - AVX Corporation TAP685010 Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
MAY 2013
■ 117
Dipped Radial Capacitors
TAP Series
DCL
DF
ESR
AVX
Case Capacitance
(μA)
%
Max. (Ω)
Part No.
Size
μF
Max.
Max.
@ 100 kHz
25 volt @ 85°C (16 volt @ 125°C)
TAP 105(*)025
A
1.0
0.5
4
10.0
TAP 155(*)025
A
1.5
0.5
4
8.0
TAP 225(*)025
A
2.2
0.5
6
6.0
TAP 335(*)025
B
3.3
0.6
6
5.0
TAP 475(*)025
C
4.7
0.9
6
4.0
TAP 685(*)025
D
6.8
1.3
6
3.1
TAP 106(*)025
E
10
2.0
8
2.5
TAP 156(*)025
F
15
3.0
8
2.0
TAP 226(*)025
H
22
4.4
8
1.5
TAP 336(*)025
J
33
6.6
8
1.2
TAP 476(*)025
M
47
9.4
8
1.0
TAP 686(*)025
N
68
13.6
8
0.8
35 volt @ 85°C (23 volt @ 125°C)
TAP 104(*)035
A
0.1
0.5
4
26.0
TAP 154(*)035
A
0.15
0.5
4
21.0
TAP 224(*)035
A
0.22
0.5
4
17.0
TAP 334(*)035
A
0.33
0.5
4
15.0
TAP 474(*)035
A
0.47
0.5
4
13.0
TAP 684(*)035
A
0.68
0.5
4
10.0
TAP 105(*)035
A
1.0
0.5
4
8.0
TAP 155(*)035
A
1.5
0.5
4
6.0
TAP 225(*)035
B
2.2
0.6
6
5.0
TAP 335(*)035
C
3.3
0.9
6
4.0
TAP 475(*)035
E
4.7
1.3
6
3.0
TAP 685(*)035
F
6.8
1.9
6
2.5
TAP 106(*)035
F
10
2.8
8
2.0
TAP 156(*)035
H
15
4.2
8
1.6
TAP 226(*)035
K
22
6.1
8
1.3
TAP 336(*)035
M
33
9.2
8
1.0
TAP 476(*)035
N
47
10.0
8
0.8
50 volt @ 85°C (33 volt @ 125°C)
TAP 104(*)050
A
0.1
0.5
4
26.0
TAP 154(*)050
A
0.15
0.5
4
21.0
TAP 224(*)050
A
0.22
0.5
4
17.0
TAP 334(*)050
A
0.33
0.5
4
15.0
TAP 474(*)050
A
0.47
0.5
4
13.0
TAP 684(*)050
B
0.68
0.5
4
10.0
TAP 105(*)050
C
1.0
0.5
4
8.0
TAP 155(*)050
D
1.5
0.6
4
6.0
TAP 225(*)050
E
2.2
0.8
6
3.5
TAP 335(*)050
F
3.3
1.3
6
3.0
TAP 475(*)050
G
4.7
1.8
6
2.5
TAP 685(*)050
H
6.8
2.7
6
2.0
TAP 106(*)050
J
10
4.0
8
1.6
TAP 156(*)050
K
15
6.0
8
1.2
TAP 226(*)050
L
22
8.8
8
1.0
DCL
DF
ESR
AVX
Case Capacitance
(μA)
%
Max. (Ω)
Part No.
Size
μF
Max.
Max.
@ 100 kHz
6.3 volt @ 85°C (4 volt @ 125°C)
TAP 335(*)006
A
3.3
0.5
6
13.0
TAP 475(*)006
A
4.7
0.5
6
10.0
TAP 685(*)006
A
6.8
0.5
6
8.0
TAP 106(*)006
B
10
0.5
8
6.0
TAP 156(*)006
C
15
0.8
8
5.0
TAP 226(*)006
D
22
1.1
8
3.7
TAP 336(*)006
E
33
1.7
8
3.0
TAP 476(*)006
F
47
2.4
8
2.0
TAP 686(*)006
G
68
3.4
8
1.8
TAP 107(*)006
H
100
5.0
10
1.6
TAP 157(*)006
K
150
7.6
10
0.9
TAP 227(*)006
M
220
11.0
10
0.9
TAP 337(*)006
P
330
16.6
10
0.7
10 volt @ 85°C (6.3 volt @ 125°C)
TAP 225(*)010
A
2.2
0.5
6
13.0
TAP 335(*)010
A
3.3
0.5
6
10.0
TAP 475(*)010
A
4.7
0.5
6
8.0
TAP 685(*)010
B
6.8
0.5
6
6.0
TAP 106(*)010
C
10
0.8
8
5.0
TAP 156(*)010
D
15
1.2
8
3.7
TAP 226(*)010
E
22
1.7
8
2.7
TAP 336(*)010
F
33
2.6
8
2.1
TAP 476(*)010
G
47
3.7
8
1.7
TAP 686(*)010
H
68
5.4
8
1.3
TAP 107(*)010
K
100
8.0
10
1.0
TAP 157(*)010
N
150
12.0
10
0.8
TAP 227(*)010
P
220
17.6
10
0.6
TAP 337(*)010
R
330
20.0
10
0.5
16 volt @ 85°C (10 volt @ 125°C)
TAP 155(*)016
A
1.5
0.5
4
10.0
TAP 225(*)016
A
2.2
0.5
6
8.0
TAP 335(*)016
A
3.3
0.5
6
6.0
TAP 475(*)016
B
4.7
0.6
6
5.0
TAP 685(*)016
C
6.8
0.8
6
4.0
TAP 106(*)016
D
10
1.2
8
3.2
TAP 156(*)016
E
15
1.9
8
2.5
TAP 226(*)016
F
22
2.8
8
2.0
TAP 336(*)016
F
33
4.2
8
1.6
TAP 476(*)016
J
47
6.0
8
1.3
TAP 686(*)016
L
68
8.7
8
1.0
TAP 107(*)016
N
100
12.8
10
0.8
TAP 157(*)016
N
150
19.2
10
0.6
TAP 227(*)016
R
220
20.0
10
0.5
20 volt @ 85°C (13 volt @ 125°C)
TAP 105(*)020
A
1.0
0.5
4
10.0
TAP 155(*)020
A
1.5
0.5
4
9.0
TAP 225(*)020
A
2.2
0.5
6
7.0
TAP 335(*)020
B
3.3
0.5
6
5.5
TAP 475(*)020
C
4.7
0.7
6
4.5
TAP 685(*)020
D
6.8
1.0
6
3.6
TAP 106(*)020
E
10
1.6
8
2.9
TAP 156(*)020
F
15
2.4
8
2.3
TAP 226(*)020
H
22
3.5
8
1.8
TAP 336(*)020
J
33
5.2
8
1.4
TAP 476(*)020
K
47
7.5
8
1.2
TAP 686(*)020
N
68
10.8
8
0.9
TAP 107(*)020
N
100
16.0
10
0.6
(*) Insert capacitance tolerance code; M for ±20%, K for ±10% and J for ±5%
NOTE: Voltage ratings are minimum values. AVX reserves the right to supply high-
er voltage ratings in the same case size.
RATINGS AND PART NUMBER REFERENCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com