Electronic Components Datasheet Search
  English  ▼

X  

TAP685010 Datasheet(PDF) 10 Page - AVX Corporation

Part # TAP685010
Description  Section 3: Introduction Foreword
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAP685010 Datasheet(HTML) 10 Page - AVX Corporation

Back Button TAP685010 Datasheet HTML 6Page - AVX Corporation TAP685010 Datasheet HTML 7Page - AVX Corporation TAP685010 Datasheet HTML 8Page - AVX Corporation TAP685010 Datasheet HTML 9Page - AVX Corporation TAP685010 Datasheet HTML 10Page - AVX Corporation TAP685010 Datasheet HTML 11Page - AVX Corporation TAP685010 Datasheet HTML 12Page - AVX Corporation TAP685010 Datasheet HTML 13Page - AVX Corporation TAP685010 Datasheet HTML 14Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
152
■ MAY 2013
1.3.4 Temperature dependence of dissipation factor
Dissipation factor varies with temperature as the typical
curves show to the right. For maximum limits please refer to
ratings tables.
Typical Curves-Dissipation Factor vs. Temperature
100 F/6V
1 F/35V
10
5
0
-55 -40 -20
0
20 40 60 80 100 125
Temperature C
1.4 IMPEDANCE, (Z) AND EQUIVALENT SERIES RESISTANCE (ESR)
1.4.1 Impedance, Z
This is the ratio of voltage to current at a specified frequency.
Three factors contribute to the impedance of a tantalum
capacitor; the resistance of the semiconducting layer,
the capacitance, and the inductance of the electrodes and
leads.
At high frequencies the inductance of the leads becomes a
limiting factor. The temperature and frequency behavior of
these three factors of impedance determine the behavior of
the impedance Z. The impedance is measured at 25°C and
100 kHz.
1.4.2 Equivalent series resistance, ESR
Resistance losses occur in all practical forms of capacitors.
These are made up from several different mechanisms,
including resistance in components and contacts, viscous
forces within the dielectric, and defects producing bypass
current paths. To express the effect of these losses they are
considered as the ESR of the capacitor. The ESR is frequency
dependent. The ESR can be found by using the relationship:
ESR =
Tan
2πfC
where f is the frequency in Hz, and C is the capacitance in
farads. The ESR is measured at 25°C and 100 kHz.
ESR is one of the contributing factors to impedance, and at
high frequencies (100 kHz and above) is the dominant factor,
so that ESR and impedance become almost identical,
impedance being marginally higher.
1.4.3 Frequency dependence of impedance and ESR
ESR and impedance both increase with decreasing frequency.
At lower frequencies the values diverge as the extra contri-
butions to impedance (resistance of the semiconducting
layer, etc.) become more significant. Beyond 1 MHz (and
beyond the resonant point of the capacitor) impedance again
increases due to induction.
1k
100
10
1
0.1
0.01
0.1
μF
0.33
μF
1
μF
10
μF
33
μF
100
μF
330
μF
100
1k
10k
100k
1M
Frequency f (Hz)
Impedance (Z)
ESR
Frequency Dependence of Impedance and ESR
TAP/TEP Technical Summary and
Application Guidelines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com