Electronic Components Datasheet Search
  English  ▼

X  

DM7300 Datasheet(PDF) 1 Page - Power-One

Part # DM7300
Description  DM7300G Series Digital Power Manager
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

DM7300 Datasheet(HTML) 1 Page - Power-One

  DM7300 Datasheet HTML 1Page - Power-One DM7300 Datasheet HTML 2Page - Power-One DM7300 Datasheet HTML 3Page - Power-One DM7300 Datasheet HTML 4Page - Power-One DM7300 Datasheet HTML 5Page - Power-One DM7300 Datasheet HTML 6Page - Power-One DM7300 Datasheet HTML 7Page - Power-One DM7300 Datasheet HTML 8Page - Power-One DM7300 Datasheet HTML 9Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
DM7300G Series Digital Power Manager
Data Sheet
ZD-00896 Rev. 5.2, 9-Apr-13
www.power-one.com
Page 1 of 36
Member of the
Family
Applications
•
Low voltage, high density systems utilizing dPwerTM
Digital Intermediate Bus Architectures
•
Broadband, networking, optical, and wireless
communications systems
•
Industrial computing, servers, and storage applications
Benefits
•
Eliminates the need for external power management
components
•
Communicates with the host system via the industry
standard I2C communication bus
•
Reduces board space, system cost, complexity, and time
to market
Features
•
RoHS compliant for all six substances
•
Compatible with both lead-free and standard reflow
processes
•
Programs, controls, and manages up to 32 independent
dPOL converters via an industry standard I2C interface (both
100kHz and 400kHz)
•
JTAG IEEE 1149.1 compliant programming interface
•
Controls and monitors industry standard power supplies and
other peripheral devices (fans, etc)
•
Programs output voltage, protections, optimal voltage
positioning, turn-on and turn-off delays and slew rates,
switching frequency, interleave (phase shift), and feedback
loop compensation of the dPwerTM POL converters
•
User friendly GUI interface for programming, monitoring,
and performance simulation
•
Four independent OK lines for flexible fault management
and fast fault propagation
•
Four interrupt inputs with programmable hot swap support
capabilities
•
Intermediate bus voltage monitoring and protection
•
AC Fail input
•
Non-volatile system configuration data memory
•
1K Byte of user accessible non-volatile memory
•
Control of industry standard DC-DC front ends
•
Crowbar output to trigger the optional crowbar protection
•
Run-time counter
•
Small footprint semiconductor industry standard QFN64
package: 9x9mm
•
Wide industrial operating temperature range
Description
Power-One’s point-of-load converters are recommended for use with regulated bus converters in an Intermediate Bus
Architecture (IBA). T
he DM7300 is a fully programmable digital power manager that utilizes the industry-standard I2C
communication bus interface to control, manage, program and monitor up to 32 dP-series POL converters and 4
independent power devices.
The DM7300 completely eliminates the need for external components for power
management and programming and monitoring of the dPwerTM POL converters and other industry standard power
and peripheral devices. Parameters of the DM7300 are programmable via the I2C bus and can be changed by a user at
any time during product development and deployment.


Similar Part No. - DM7300

ManufacturerPart #DatasheetDescription
logo
Vaisala
DM70 VAISALA-DM70 Datasheet
660Kb / 3P
DM70 Handheld Dew Point Meter For spot-checking applications
logo
List of Unclassifed Man...
DM7093 ETC1-DM7093 Datasheet
70Kb / 2P
TRI-STATE Hex Buffers
DM7094 ETC1-DM7094 Datasheet
70Kb / 2P
TRI-STATE Hex Buffers
logo
National Semiconductor ...
DM7123 NSC-DM7123 Datasheet
88Kb / 3P
Quad 2-Input DATA SELECTORS / MULTIPLEXERS
DM7130 NSC-DM7130 Datasheet
57Kb / 2P
MAGNITUDE COMPARATORS
More results

Similar Description - DM7300

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MGR1018 MOTOROLA-MGR1018 Datasheet
151Kb / 6P
Power Manager Gallium Arsenide Power Rectifier
MGR2018CT MOTOROLA-MGR2018CT Datasheet
154Kb / 6P
Power Manager Gallium Arsenide Power Rectifier
logo
Power-One
ZM7300G POWER-ONE-ZM7300G Datasheet
914Kb / 32P
Digital Power Manager
ZM7300G POWER-ONE-ZM7300G_10 Datasheet
693Kb / 33P
Digital Power Manager
logo
Texas Instruments
BQ500110 TI-BQ500110 Datasheet
567Kb / 21P
Wireless Power Transmitter Manager
logo
Linear Technology
LTC4155 LINER-LTC4155 Datasheet
391Kb / 52P
Dual-Input Power Manager
DC1334A LINER-DC1334A_15 Datasheet
145Kb / 1P
LTC3576EUFE: Switching Power Manager
LTC2978 LINER-LTC2978_15 Datasheet
898Kb / 80P
Octal Digital Power Supply Manager with EEPROM
logo
Texas Instruments
BQ501210 TI1-BQ501210 Datasheet
215Kb / 8P
Wireless Power Transmitter Manager
logo
Xilinx, Inc
DS485 XILINX-DS485 Datasheet
305Kb / 6P
Digital Clock Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com