Electronic Components Datasheet Search
  English  ▼

X  

DM7300 Datasheet(PDF) 17 Page - Power-One

Part # DM7300
Description  DM7300G Series Digital Power Manager
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

DM7300 Datasheet(HTML) 17 Page - Power-One

Back Button DM7300 Datasheet HTML 13Page - Power-One DM7300 Datasheet HTML 14Page - Power-One DM7300 Datasheet HTML 15Page - Power-One DM7300 Datasheet HTML 16Page - Power-One DM7300 Datasheet HTML 17Page - Power-One DM7300 Datasheet HTML 18Page - Power-One DM7300 Datasheet HTML 19Page - Power-One DM7300 Datasheet HTML 20Page - Power-One DM7300 Datasheet HTML 21Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
ZD-00896 Rev. 5.2, 9-Apr-13
www.power-one.com
Page 17 of 36
Figure 9. POL Configuration Window
10.3.2 Programming Time
Total system programming time can be determined from the following equation:
AD
AD
POL
POL
INIT
PROGR
T
n
T
n
T
T
×
+
×
+
=
Where:
TPROGR -
time interval from the instant when the DPM supply voltage exceeds DPM’s UVLO threshold until the
DPM issues the turn-on command. If the Auto Power-Up is enabled, and the turn-on delay is set to zero,
the output voltages start ramping up at the end of TPROGR interval
TINIT -
DPM initialization interval after the DPM supply voltage exceeds the UVLO threshold. TINIT=11.5ms.
TPOL -
Time required for programming and verifying of one POL converter. TPOL=26.5ms.
TAD -
Time required for programming and verifying of one Auxiliary Device. TAD=7.5ms.
nPOL -
Number of POL converters in the system.
nAD -
Number of Auxiliary Devices in the system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com