Electronic Components Datasheet Search
  English  ▼

X  

SiC403DB Datasheet(PDF) 9 Page - Vishay Siliconix

Part # SiC403DB
Description  6 A microBUCK® SiC403A/B Integrated Buck Regulator with Programmable LDO
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SiC403DB Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button SiC403DB Datasheet HTML 5Page - Vishay Siliconix SiC403DB Datasheet HTML 6Page - Vishay Siliconix SiC403DB Datasheet HTML 7Page - Vishay Siliconix SiC403DB Datasheet HTML 8Page - Vishay Siliconix SiC403DB Datasheet HTML 9Page - Vishay Siliconix SiC403DB Datasheet HTML 10Page - Vishay Siliconix SiC403DB Datasheet HTML 11Page - Vishay Siliconix SiC403DB Datasheet HTML 12Page - Vishay Siliconix SiC403DB Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Vishay Siliconix
SiC403A, SiC403BCD
Document Number: 62768
S12-1972-Rev. A, 27-Aug-12
www.vishay.com
9
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: powerictechsupport@vishay.com
ELECTRICAL CHARACTERISTICS
Efficiency vs. Load-PSAVE Mode
VOUT = 1.2 V, VDD = 5 V = EN/PSV, External Bias, SiC403A
Powersave Mode - No Load
VIN = 12 V, VOUT = 1.2 V, IOUT = 0 A, VDD = EN/PSV = ENL = 5 V, SiC403A
Self-Biased Start-Up - Power Good True
VIN = 12 V step, VOUT = 1.2 V, IOUT = 0 A, VDD = EN/PSV = ENL = 5 V
0
0.5
1
1.5
2
2.5
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
10
IOUT(ADC)
VIN=6V
VIN=20V
VIN=12V
VIN=6V
VIN=20V
VIN=12V
Efficiency
PLOSS
(20mV/div)
(5V/div)
Vout
LX
Time(20
µs/div)
(10V/div)
(500mV/div)
(5V/div)
(5V/div)
LX
Vout
VDD
Pgood
Time(1ms/div)
Efficiency vs. Load-PSAVE Mode
VOUT = 1.2 V, VIN = 12 V, VDD = EN/PSV = 5 V, External Bias, SiC403A
Forced Continuous Mode - No Load
VIN = 12 V, VOUT = 1.2 V, IOUT = 0 A, VDD = EN/PSV = ENL = 5 V
Enable Start-Up - Power Good True
VIN = 12 V, VOUT = 1.2 V, IOUT = 1 A, VDD = EN/PSV= 5 V
0
0.5
1
1.5
2
2.5
0
20
40
60
80
100
0.001
0.01
0.1
1
10
IOUT(ADC)
Efficiency
Ploss
VDD=5V
VDD3.3V
VDD=3.3V
VDD=5V
(5V/div)
(50mV/div)
Time(2
µs/div)
LX
Vout
(10V/div)
(500mV/div)
(5V/div)
(5V/div)
Time(1ms/div)
LX
Vout
VDD
Pgood



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com