Electronic Components Datasheet Search
  English  ▼

X  

SiC403DB Datasheet(PDF) 13 Page - Vishay Siliconix

Part # SiC403DB
Description  6 A microBUCK® SiC403A/B Integrated Buck Regulator with Programmable LDO
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SiC403DB Datasheet(HTML) 13 Page - Vishay Siliconix

Back Button SiC403DB Datasheet HTML 9Page - Vishay Siliconix SiC403DB Datasheet HTML 10Page - Vishay Siliconix SiC403DB Datasheet HTML 11Page - Vishay Siliconix SiC403DB Datasheet HTML 12Page - Vishay Siliconix SiC403DB Datasheet HTML 13Page - Vishay Siliconix SiC403DB Datasheet HTML 14Page - Vishay Siliconix SiC403DB Datasheet HTML 15Page - Vishay Siliconix SiC403DB Datasheet HTML 16Page - Vishay Siliconix SiC403DB Datasheet HTML 17Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Vishay Siliconix
SiC403A, SiC403BCD
Document Number: 62768
S12-1972-Rev. A, 27-Aug-12
www.vishay.com
13
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: powerictechsupport@vishay.com
When a large capacitor is placed in parallel with R1 (CTOP)
VOUT is shown by the following equation.
Enable and Power-Save Inputs
The EN/PSV input is used to enable or disable the switching
regulator. When EN/PSV is low (grounded), the switching
regulator is off and in its lowest power state. When off, the
output of the switching regulator soft-discharges the output
into a 15
 internal resistor via the V
OUT pin. When EN/PSV
is allowed to float, the pin voltage will float to 33 % of the
voltage at VDD. The switching regulator turns on with
power-save disabled and all switching is in forced continuous
mode.
When EN/PSV is high (above 44 % of the voltage at VDD),
the switching regulator turns on with power-save enabled.
The SiC403A/B P-Save operation reduces the switching
frequency according to the load for increased efficiency at
light load conditions.
Forced Continuous Mode Operation
The SiC403A/B operates the switcher in FCM (Forced
Continuous Mode) by floating the EN/PSV pin (see figure 4).
In this mode one of the power MOSFETs is always on, with
no intentional dead time other than to avoid cross-
conduction. This feature results in uniform frequency across
the full load range with the trade-off being poor efficiency at
light loads due to the high-frequency switching of the
MOSFETs. DH is gate signal to drive upper MOSFET. DL is
lower gate signal to drive lower MOSFET
Ultrasonic Power-Save Operation (SiC403A)
The SiC403A provides ultrasonic power-save operation at
light loads, with the minimum operating frequency fixed at
slightly under 25 kHz. This is accomplished by using an
internal timer that monitors the time between consecutive
high-side gate pulses. If the time exceeds 40 µs, DL drives
high to turn the low-side MOSFET on. This draws current
from VOUT through the inductor, forcing both VOUT and VFB
to fall. When VFB drops to the 600 mV threshold, the next DH
(the drive signal for the high side FET) on-time is triggered.
After the on-time is completed the high-side MOSFET is
turned off and the low-side MOSFET turns on. The low-side
MOSFET remains on until the inductor current ramps down
to zero, at which point the low-side MOSFET is turned off.
Because the on-times are forced to occur at intervals no
greater than 40 µs, the frequency will not fall far below
25 kHz. Figure 5 shows ultrasonic power-save operation.
Power-Save Operation (SiC403B)
The SiC403B provides power-save operation at light loads
with no minimum operating frequency. With power-save
enabled, the internal zero crossing comparator monitors the
inductor current via the voltage across the low-side MOSFET
during the off-time. If the inductor current falls to zero
for 8 consecutive switching cycles, the controller enters
MOSFET on each subsequent cycle provided that the
power-save operation. It will turn off the low-side MOSFET
on each subsequent cycle provided that the current crosses
zero. At this time both MOSFETs remain off until VFB drops
to the 600 mV threshold. Because the MOSFETs are off, the
load is supplied by the output capacitor.
If the inductor current does not reach zero on any switching
cycle, the controller immediately exits power-save and
returns to forced continuous mode.
Figure 6 shows power-save operation at light loads.
Figure 4 - Forced Continuous Mode Operation
V
OUT = 0.6 x 1 +
R
1
R
2
V
RIPPLE
2
+x
R
2 x R1
R
2 + R1
ωCTOP
1 +
2
1 + (R1
ωCTOP)2
FB ripple
voltage (VFB)
Inductor
current
DC load current
FB threshold
(600 mV)
DH
DL
On-time
(tON)
DH on-time is triggered when
VFB reaches the FB threshold
DL drives high when on-time is completed.
DL remains high until VFB falls to the FB threshold.
Figure 5 - Ultrasonic Power-Save Operation
FB ripple
voltage (VFB)
Inductor
current
(0A)
FB threshold
(600 mV)
DH
DL
On-time
(tON)
DH on-time is triggered when
VFB reaches the FB threshold
After the 40 µs time-out, DL drives high if VFB
has not reached the FB threshold.
minimum fSW ~ 25 kHz
40 µs time-out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com