Electronic Components Datasheet Search
  English  ▼

X  

E3Z-R61 Datasheet(PDF) 17 Page - Omron Electronics LLC

Part # E3Z-R61
Description  Compact Photoelectric Sensor with Built-in Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3Z-R61 Datasheet(HTML) 17 Page - Omron Electronics LLC

Back Button E3Z-R61 Datasheet HTML 11Page - Omron Electronics LLC E3Z-R61 Datasheet HTML 12Page - Omron Electronics LLC E3Z-R61 Datasheet HTML 13Page - Omron Electronics LLC E3Z-R61 Datasheet HTML 14Page - Omron Electronics LLC E3Z-R61 Datasheet HTML 15Page - Omron Electronics LLC E3Z-R61 Datasheet HTML 16Page - Omron Electronics LLC E3Z-R61 Datasheet HTML 17Page - Omron Electronics LLC E3Z-R61 Datasheet HTML 18Page - Omron Electronics LLC E3Z-R61 Datasheet HTML 19Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
17
E3Z
Retro-reflective Models
Pre-wired Models
E3Z-R61(K)
E3Z-B61
E3Z-R81(K)
E3Z-B81
E3Z-D61(K)
E3Z-B62
E3Z-D81(K)
E3Z-B82
E3Z-D62(K)
E3Z-L63
E3Z-D82(K)
E3Z-L83
E3Z-L61
E3Z-L81
2.8
25.4
4 dia. vinyl-insulated round cable with 3
conductors (Conductor cross section:
0.2 mm2 (AWG24), Insulator diameter:1.1 mm),
Standard length: 2 m
Stability indicator (green)
Two, M3
Sensitivity adjuster
Operation selector
Operation Indicator (orange)
2.1
31
31
Receiver
Lens 7 dia.
Emitter
Lens 7 dia.
20
20
16.7
10.8
10.8
3
2.8
4.5
11.2
7.5
25.4
8
Terminal
No.
Specifica-
tions
1+V
2---
30V
4
Output
Clamp-type e-CON pre-wired connectors
(E3Z-
@6@-ECON-C)
M8 Pre-wired Connector
(E3Z-T
@@K-M3J)
4 dia. vinyl-insulated round cable
with 3 conductors,
Standard length: 0.3 m
M8
2
4
1
3
M12
×1
1
3
2
4 dia. vinyl-insulated round cable
with 3 conductors,
Standard length: 0.3 m
M12 Pre-wired Connector
(E3Z-
@@@-M1J)
4
Press-fit e-CON Pre-wired Connector
15
5.9
15.6
4 dia. vinyl-insulated round cable
with 3 or 4 conductors,
Standard length: 0.3 m, 0.5m, and 2m
6
15.8
18
4 dia. vinyl-insulated round cable
with 3 conductors,
Standard length: 2 m
4
3
2
1
4
3
2
1
Retro-reflective Models
Connector Models
E3Z-R66
E3Z-B66
E3Z-R86
E3Z-B86
E3Z-D66
E3Z-B67
E3Z-D86
E3Z-B87
E3Z-D67
E3Z-L68
E3Z-D87
E3Z-L88
E3Z-L66
E3Z-L86
Stability indicator (green)
Two, M3
9.75
Receiver
Lens 7 dia.
Emitter
Lens 7 dia.
Sensitivity adjuster
M8 connector
Operation selector
Operation Indicator (orange)
20
20
16.7
10.8
10.8
10.4
2.1
31
31
2.8
25.4
4.5
11.2
7.5
3
8
Terminal
No.
Specifica-
tions
1+V
2---
30V
4Output
Note: The lens for the E3Z-D
@1/D@6/L@@/B@@ is red. The lens for the E3Z-D@2/D@7 is black.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com