Electronic Components Datasheet Search
  English  ▼

X  

E3Z-R61 Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # E3Z-R61
Description  Compact Photoelectric Sensor with Built-in Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3Z-R61 Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button E3Z-R61 Datasheet HTML 2Page - Omron Electronics LLC E3Z-R61 Datasheet HTML 3Page - Omron Electronics LLC E3Z-R61 Datasheet HTML 4Page - Omron Electronics LLC E3Z-R61 Datasheet HTML 5Page - Omron Electronics LLC E3Z-R61 Datasheet HTML 6Page - Omron Electronics LLC E3Z-R61 Datasheet HTML 7Page - Omron Electronics LLC E3Z-R61 Datasheet HTML 8Page - Omron Electronics LLC E3Z-R61 Datasheet HTML 9Page - Omron Electronics LLC E3Z-R61 Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6
E3Z
Mounting Brackets A Mounting Bracket is not enclosed with the Sensor. Order a Mounting Bracket separately if required.
[Refer to Dimensions on E39-L/F39-L/E39-S/E39-R]
Note: 1. When using Through-beam models, order one bracket for the Receiver and one for the Emitter.
2. Refer to Mounting Brackets on E39-L/F39-L/E39-S/E39-R for details.
*1. Cannot be used for Standard Connector models with mounting surface on the bottom. In that case, use Pre-wired Connector models.
*2. Cannot be used for Standard Connector models.
Sensor I/O Connectors
(Models for Connectors and Pre-wired Connectors: A Connector is not provided with the Sensor. Be sure to order a Connector separately.)
[Refer to Dimensions for XS3, XS2, XS5. For e-CON, inquire.]
Note: When using Through-beam models, order one connector for the Receiver and one for the Emitter.
*1. Refer to Introduction to Sensor I/O Connectors for details.
*2. The Sensor can be used in low-temperature environments (
−25°C to −40°C). Do not use the Sensor in locations that are subject to oil.
*3. The connector will not rotate after connecting.
*4. The cable is fixed at an angle of 180° from the sensor emitter/receiver surface.
Appearance
Model (material)
Quantity
Remarks
Appearance
Model (material)
Quantity
Remarks
E39-L153
(SUS304) *1
1
Mounting Brackets
E39-L98
(SUS304) *2
1
Metal Protective Cover
Bracket
E39-L104
(SUS304) *1
1
E39-L150
(SUS304)
1
(Sensor adjuster)
Easily mounted to the
aluminum frame rails of
conveyors and easily
adjusted.
For left to right adjust-
ment
E39-L43
(SUS304) *2
1
Horizontal Mounting
Brackets
E39-L151
(SUS304)
1
E39-L142
(SUS304) *2
1
Horizontal Protective
Cover Bracket
E39-L44
(SUS304)
1
Rear Mounting Bracket
E39-L144
(SUS304) *2
1
Compact Protective
Cover Bracket (For E3Z
only)
Size
Cable
Appearance
Cable type
Model
M8 *1
Standard
2 m
4-wire
XS3F-M421-402-A
5 m
XS3F-M421-405-A
2 m
XS3F-M422-402-A
5 m
XS3F-M422-405-A
M12 *1
(For -M1J models)
2 m
3-wire
XS2F-D421-DC0-A
5 m
XS2F-D421-GC0-A
2 m
XS2F-D422-DC0-A
5 m
XS2F-D422-GC0-A
M12
(For -M1TJ models)
2 m
4-wire
XS5F-D421-D80-A
5 m
XS5F-D421-G80-A
e-CON
2 m
4-wire
E39-ECON2M
5 m
E39-ECON5M
0.5 to 1 m
E39-ECONW
@M
@ indicates cable length (in units
of m). Specify with 0.1-increments.
1.1 to 1.5 m
1.6 to 2 m
M8
PUR
(Polyure-
thane) cable *2
2 m
4-wire
XS3F-M421-402-L
5 m
XS3F-M421-405-L
2 m
XS3F-M422-402-L
5 m
XS3F-M422-405-L
Straight *3
L-shaped *3 *4
Straight *3
L-shaped *3
Straight
Single-end connector
Double-end connectors
Straight *3
L-shaped *3 *4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com