Electronic Components Datasheet Search
  English  ▼

X  

H3YN Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # H3YN
Description  Miniature Timer with Multiple Time Ranges and Multiple Operating Modes
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H3YN Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button H3YN Datasheet HTML 4Page - Omron Electronics LLC H3YN Datasheet HTML 5Page - Omron Electronics LLC H3YN Datasheet HTML 6Page - Omron Electronics LLC H3YN Datasheet HTML 7Page - Omron Electronics LLC H3YN Datasheet HTML 8Page - Omron Electronics LLC H3YN Datasheet HTML 9Page - Omron Electronics LLC H3YN Datasheet HTML 10Page - Omron Electronics LLC H3YN Datasheet HTML 11Page - Omron Electronics LLC H3YN Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
H3YN
8
■ DIP Switch Settings
The 1-s range and ON-delay mode for H3YN-2/-4/-4-Z, the 1-min range and ON-delay mode for H3YN-21/-41/-41-Z are factory-set before shipping.
Time Ranges
Note: The top two DIP switch pins are used to select the time ranges.
Operating Modes
Note: The bottom two DIP switch pins are used to select the operating mode.
Nomenclature
1 min 10 min
1 s
10 s
Model
Time range
Time setting
range
Setting
Factory-set
H3YN-2,
H3YN-4
H3YN-4-Z
1 s
0.1 to 1 s
Yes
10 s
1 to 10 s
No
1 min
0.1 to 1 min
No
10 min
1 to 10 min
No
H3YN-21,
H3YN-41
H3YN-41-Z
1 min
0.1 to 1 min
Yes
10 min
1 to 10 min
No
1 h
0.1 to 1 h
No
10 h
1 to 10 h
No
Operating mode
Setting
Factory-set
ON-delay
Yes
Interval
No
Flicker OFF-start
No
Flicker ON-start
No
Run/Power Indicator (Green)
(Lit: Power ON)
Output Indicator (Orange)
(Lit: Output ON)
Main Dial
Set the desired time according
to time range selectable by
DIP switch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com