Electronic Components Datasheet Search
  English  ▼

X  

H3YN Datasheet(PDF) 12 Page - Omron Electronics LLC

Part # H3YN
Description  Miniature Timer with Multiple Time Ranges and Multiple Operating Modes
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H3YN Datasheet(HTML) 12 Page - Omron Electronics LLC

Back Button H3YN Datasheet HTML 6Page - Omron Electronics LLC H3YN Datasheet HTML 7Page - Omron Electronics LLC H3YN Datasheet HTML 8Page - Omron Electronics LLC H3YN Datasheet HTML 9Page - Omron Electronics LLC H3YN Datasheet HTML 10Page - Omron Electronics LLC H3YN Datasheet HTML 11Page - Omron Electronics LLC H3YN Datasheet HTML 12Page - Omron Electronics LLC H3YN Datasheet HTML 13Page - Omron Electronics LLC H3YN Datasheet HTML 14Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
H3YN
12
Flush Mounting Adapter
Socket Mounting Plates
The PYP-1 is a Socket Mounting Plate for a single Socket and the PYP-18 is a Socket Mounting Plate for 18 Sockets. The PYP-18 can be cut
appropriately according to the number of Sockets to be used.
Hold-down Clips
The Hold-down Clip makes it possible to mount the H3YN securely and prevent the H3YN from falling out due to vibration or shock.
33.5
27.1
48.5
31.5
25.1
3
3
5
25.2
+0.2
−0
31.6
+0.2
−0
R0.5 max.
Panel Cutout
Y92F-78
Note: 1. Push the H3Y in until the Adaptor (Y92F-78)
hooks engage with its rear panel.
2. Do not round the corners of the cutout on
the rear panel surface, otherwise the
Adaptor (Y92F-78) tabs may not engage
properly.
Panel thickness
1 to 3 mm
t = 1.6
49
28
t = 1.6
42
±0.1 49
492
17 x 27.4 = 465.8
±0.6
13.1
21.6
4.5
3.4
27.4
±0.15
PYP-1
Two, 3.4-dia. holes
Square hole
PYP-18
72, elliptic holes
53
4.5
4.5
1.2
9R
33.7
2.5
20
(84
°)
30.5
24.5
5 max.
Y92H-3
Y92H-4
Y92H-3 for
PYF
@A Socket
(Set of Two Clips)
Y92H-4 for
PY
@ Socket



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com